Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 13Page - National Semiconductor (TI) MF8 Datasheet HTML 14Page - National Semiconductor (TI) MF8 Datasheet HTML 15Page - National Semiconductor (TI) MF8 Datasheet HTML 16Page - National Semiconductor (TI) MF8 Datasheet HTML 17Page - National Semiconductor (TI) MF8 Datasheet HTML 18Page - National Semiconductor (TI) MF8 Datasheet HTML 19Page - National Semiconductor (TI) MF8 Datasheet HTML 20Page - National Semiconductor (TI) MF8 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
10 Application Information (Continued)
tant but much greater flexibility and better performance will
be obtained by using the feedback techniques described in
14
16 INPUT IMPEDANCE
The input to each filter block is a switched-capacitor circuit
as shown in
Figure 14 During the first half of a clock cycle
the input capacitor charges to the input voltage Vin and
during the second half-cycle its charge is transferred to a
feedback capacitor The input impedance approximates a
resistor of value
Rin j
1
CinfCLK
Cin depends on the value of Q selected by the Q logic pins
and varies from about 1 pF to about 5 pF For a worst-case
calculation of Rin assume Cin e 5 pF Thus
Rin(min) j
1
5 c 10b12fCLK
TLH8694 – 22
FIGURE 14 Simplified MF8 Input Stage
At the maximum clock frequency of 1 MHz this gives
Rin j 200k Note that Rin increases as fCLK decreases so
the input impedance should never be less than this number
Source impedance should be low enough that the gain isn’t
significantly affected
17 OUTPUT DRIVE
The filter outputs can typically drivea5kX load resistor to
over g4V peak-to-peak Load resistors smaller than 5 kX
should not be used The operational amplifier can drive the
minimum recommended load resistance of 5 kX to at least
g
35V
18 SAMPLED-DATA SYSTEM CONSIDERATIONS
Aliasing
The MF8 is a sampled-data filter and as such differs in
many ways from conventional continuous-time filters An im-
portant characteristic of sampled-data systems is their ef-
fect on signals at frequencies greater than one-half the
sampling frequency (The MF8’s sampling frequency is the
same as its clock frequency) If a signal with a frequency
greater than one-half the sampling frequency is applied to
the input of a sampled-data system it will be ‘‘reflected’’ to
a frequency less than one-half the sampling frequency
Thus an input signal whose frequency is fs 2 a 10 Hz will
cause the system to respond as though the input frequency
was fs 2 b 10 Hz This phenomenon is known as ‘‘alias-
ing’’ Aliasing can be reduced or eliminated by limiting the
input signal spectrum to less than fs 2 This may in some
cases require the use of a bandwidth-limiting filter (a simple
passive RC network will generally suffice) ahead of the MF8
to attenuate unwanted high-frequency signals However
since the clock frequency is much greater than the center
frequency this will usually not be necessary
Output Steps
Another characteristic of sampled-data circuits is that the
output voltage changes only once every clock cycle result-
ing in a discontinuous output signal (
Figure 15 ) The ‘‘steps’’
are smaller when the clock-to-center-frequency ratio is
1001 than when the ratio is 501
Clock Frequency Limitations
The performance characteristics of a switched-capacitor fil-
ter depend on the switching (clock) frequency At very low
clock frequencies (below 10 Hz) the internal capacitors be-
gin to discharge slightly between clock cycles This is due to
very small parasitic leakage currents At very low clock fre-
quencies the time between clock cycles is relatively long
allowing the capacitors to discharge enough to affect the
filters’ output offset voltage and gain This effect becomes
stronger at elevated operating temperatures
At higher clock frequencies performance deviations are pri-
marily due to the reduced time available for the internal inte-
grating op amps to settle For this reason the clock wave-
form’s duty cycle should be as close as possible to 50%
especially at higher frequencies Filter Q shows more varia-
tion from the nominal values at higher frequencies as indi-
cated in the typical performance curves This is the reason
for the different maximum limits on Q accuracy at fCLK e
250 kHz and fCLK e 100 kHz in the table of performance
specifications
Center Frequency Accuracy
Ideally the ratio fCLK f0 should be precisely 100 or 50 de-
pending on the logic voltage on pin 10 However as Table I
shows this ratio will change slightly depending on the Q
selected As the table shows the largest errors occur at the
lowest values of Q
TLH8694 – 23
FIGURE 15 Output Waveform of
MF8 Showing Sampling Steps
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com