Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 16Page - National Semiconductor (TI) MF8 Datasheet HTML 17Page - National Semiconductor (TI) MF8 Datasheet HTML 18Page - National Semiconductor (TI) MF8 Datasheet HTML 19Page - National Semiconductor (TI) MF8 Datasheet HTML 20Page - National Semiconductor (TI) MF8 Datasheet HTML 21Page - National Semiconductor (TI) MF8 Datasheet HTML 22Page - National Semiconductor (TI) MF8 Datasheet HTML 23Page - National Semiconductor (TI) MF8 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
20 Design Tables for Multiple Feedback Loop Bandpass Filters (Continued)
CHEBYSHEV
RIPPLE 23 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
07176
08744
26737
6
03237
02544
10016
43550
CHEBYSHEV
RIPPLE 24 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
06968
08438
27350
6
03118
02446
09635
44507
CHEBYSHEV
RIPPLE 25 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
06769
08148
27962
6
03005
02353
09275
45462
CHEBYSHEV
RIPPLE 26 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
06577
07871
28573
6
02897
02265
08935
46415
CHEBYSHEV
RIPPLE 27 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
06392
07607
29183
6
02796
02182
08612
47368
CHEBYSHEV
RIPPLE 28 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
06213
07356
29792
6
02699
02104
08306
48322
CHEBYSHEV
RIPPLE 29 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
06041
07116
30402
6
02607
02029
08016
49276
CHEBYSHEV
RIPPLE 30 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
05875
06886
31013
6
02519
01959
07739
50231
Note
Multiple feedback loop filters of higher order than those specified in the tables will oscillate due to phase shift at the output of the summing amplifier This
phase shift is not the fault of the MF8 it is inherent in this type of multiple feedback loop topology In addition all filters marked with an asterisk ( ) will be unstable
for Q s 1 due to phase shifts caused by the MF8’s switched-capacitor design approach
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com