Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC2533 Datasheet HTML 1Page - Renesas Technology Corp UPC2533 Datasheet HTML 2Page - Renesas Technology Corp UPC2533 Datasheet HTML 3Page - Renesas Technology Corp UPC2533 Datasheet HTML 4Page - Renesas Technology Corp UPC2533 Datasheet HTML 5Page - Renesas Technology Corp UPC2533 Datasheet HTML 6Page - Renesas Technology Corp UPC2533 Datasheet HTML 7Page - Renesas Technology Corp UPC2533 Datasheet HTML 8Page - Renesas Technology Corp UPC2533 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
©
1993
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC2533
The
µPC2533 is an IC developed as an AM tuner for car stereos and car radios.
It employs an up-conversion type double super-heterodyne configuration (IF1 = 10.71 MHz, IF2 = 450 kHz).
The internal configuration consists of the MIX1 block (MIX1, OSC1, Buff1), MIX2 block (MIX2, OSC2, Buff2), IF
amplifier, detection circuit, AGC circuit, signal meter circuit, SD (station detector) circuit, and Lo/DX (short range/long
range) circuit.
Features
•
Possible to select stations using only one varactor diode with narrow variable capacitance range
•
Tracking adjustment unnecessary
•
Coil switching between LW (long wave) and MW (middle wave) unnecessary
•
Less sensitivity deviation due to tracking error
•
High S/N: 60 dB
•
Signal meter output with good linearity
•
Signal meter output voltage inclination setting possible by external resistor.
•
Can be used with IF (intermediate frequency) counter turning system or high/low tuning system.
SD Sensitivity Setting
Signal Meter Voltage
Type Number
IF Counter Output
High/Low Output
Inclination Setting
Remarks
µPC2533GS-01
Set by pin No. 7
Set by pin No. 9
Depends on SD
SD sensitivity of IF counter
sensitivity setting
system and high/low system
can be set independently.
µPC2533GS-02
Set by pin No. 7
Set by pin No. 9
Tilt of the signal meter
voltage can be set without
regard to SD sensitivity.
•LO/DX function on-chip
•
Since IFT (intermediate frequency transformer) turn ratio is free from limitation for matching of ceramic filter
impedance, it is easy to design MIX gain with IFT.
AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. S11989EJ4V0DS00 (4th edition)
Date Published August 1998 N CP(K)
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com