Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 7Page - Renesas Technology Corp UPC2533 Datasheet HTML 8Page - Renesas Technology Corp UPC2533 Datasheet HTML 9Page - Renesas Technology Corp UPC2533 Datasheet HTML 10Page - Renesas Technology Corp UPC2533 Datasheet HTML 11Page - Renesas Technology Corp UPC2533 Datasheet HTML 12Page - Renesas Technology Corp UPC2533 Datasheet HTML 13Page - Renesas Technology Corp UPC2533 Datasheet HTML 14Page - Renesas Technology Corp UPC2533 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
9
µPC2533
(6/7)
Pin No.
Symbol
Name
Equivalent Circuit
28
GND
Ground
GND (high frequency)
29
Buff1IN
1st IF buffer input
30
MIX1BYP
MIX1 bypass
31
MIX1OUT
MIX1 output
32
MIX1OUT
MIX1 output
33
MIX1IN
MIX1 input
34
RF AGC T.C.
RF AGC smoothing
29
ZIN = 15 k
Ω ±20 %
Vref
ZIN = 1.2 k
Ω ±20 %
33
30
31
32
Vref
ZIN = 1.2 k
Ω ±20 %
33
30
34
ZO = 12 k
Ω ±20 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com