Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 4Page - Renesas Technology Corp UPC2533 Datasheet HTML 5Page - Renesas Technology Corp UPC2533 Datasheet HTML 6Page - Renesas Technology Corp UPC2533 Datasheet HTML 7Page - Renesas Technology Corp UPC2533 Datasheet HTML 8Page - Renesas Technology Corp UPC2533 Datasheet HTML 9Page - Renesas Technology Corp UPC2533 Datasheet HTML 10Page - Renesas Technology Corp UPC2533 Datasheet HTML 11Page - Renesas Technology Corp UPC2533 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
6
µPC2533
(3/7)
Pin No.
Symbol
Name
Equivalent Circuit
9
SD DCadj
SD DC sensitivity setting
(and signal meter output)
[SMOUT]
[Signal meter output]
10
SD DCOUT
SD DC output (Active high)
11
OSC2 (B)
OSC2 (base)
12
OSC2 (E)
OSC2 (emitter)
13
Vref2
Reference voltage
Reference voltage (6.0 V)
VCC
9
5 k
Ω
( PC2533GS-01)
µ
9
( PC2533GS-02)
µ
5 k
Ω
5.2 V
VCC
10
11
ZIN = 5 k
Ω ±20 %
VCC
Vref
ZO = 240
Ω ±20 %
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com