Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 16Page - Renesas Technology Corp UPC2533 Datasheet HTML 17Page - Renesas Technology Corp UPC2533 Datasheet HTML 18Page - Renesas Technology Corp UPC2533 Datasheet HTML 19Page - Renesas Technology Corp UPC2533 Datasheet HTML 20Page - Renesas Technology Corp UPC2533 Datasheet HTML 21Page - Renesas Technology Corp UPC2533 Datasheet HTML 22Page - Renesas Technology Corp UPC2533 Datasheet HTML 23Page - Renesas Technology Corp UPC2533 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
18
µPC2533
The reference voltage of the
µPC2533-01 and µPC2533-02 detection comparator has been internally fixed at
1.0 V.
Under the influence of R501 (5 k
Ω) and R502 (5 kΩ) of the siganl meter circuit (Fig. 2-6), signal meter output voltage
and detection comparator input voltage do not perfectly coincide. For SD sensitivity setting, refer to the following
formula.
Detection comparator input voltage =
Signal meter output voltage
× (1 +
R501
)
Value of resistor between pin 7 and GND
Remark Because DC output is open-collector type (Active high), connect pull-up resistor to pin 10 to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com