Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 12Page - Renesas Technology Corp UPC2533 Datasheet HTML 13Page - Renesas Technology Corp UPC2533 Datasheet HTML 14Page - Renesas Technology Corp UPC2533 Datasheet HTML 15Page - Renesas Technology Corp UPC2533 Datasheet HTML 16Page - Renesas Technology Corp UPC2533 Datasheet HTML 17Page - Renesas Technology Corp UPC2533 Datasheet HTML 18Page - Renesas Technology Corp UPC2533 Datasheet HTML 19Page - Renesas Technology Corp UPC2533 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
14
µPC2533
2.4
RF AGC Block
Fig. 2-4 RF AGC Block
–
+
–
+
35
36
34
R402
Q402
Q403
Q401
R403
R405
Q405
Q404
R404
R406
D401
R408
Q406
R409
R410
Q407
Q408
R412
AMP.
AMP.
Time
constant
switchover
To RF amplifier
circuit (Fig. 2-1)
Detection
and
addition
circuit
From MIX2
(Fig. 2-3)
From MIX1
(Fig. 2-2)
+
The configuration of the RF AGC is shown in Fig. 2-4. After being detected by the RF AGC detector and added,
the input signal from MIX1 and MIX2 is smoothed by external capacitor of pin 34, and its DC voltage controls the RF
AGC.
RF AGC output controls the PIN diode from pin 36 and controls base voltage of cascade transistor which determines
FET VDS from pin 35. In addition, by detecting sudden fluctuation of pin 34 voltage and switching over time constants,
RF AGC response convergence when the electric field suddenly changes is improved.
Operation start time of the RF AGC can be delayed slightly by connecting a resistor parallel to the external capacitor
of pin 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com