Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 28Page - Renesas Technology Corp UPC2533 Datasheet HTML 29Page - Renesas Technology Corp UPC2533 Datasheet HTML 30Page - Renesas Technology Corp UPC2533 Datasheet HTML 31Page - Renesas Technology Corp UPC2533 Datasheet HTML 32Page - Renesas Technology Corp UPC2533 Datasheet HTML 33Page - Renesas Technology Corp UPC2533 Datasheet HTML 34Page - Renesas Technology Corp UPC2533 Datasheet HTML 35Page - Renesas Technology Corp UPC2533 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Dummy
antenna
65 pF
15 pF
30
Ω
SG IN
L1
L2
2SK1000
3300 pF
+ 47 F
µ
+
0.022 F
µ
47 pF
150 pF
100 pF
50
Ω
2SC1844
510
Ω
12 H
µ
22
Ω
0.047 F
µ
10 F
µ
0.022
F
µ
T1
T2
0.022 F
µ
0.022 F
µ
0.022 F
µ
0.022
F
µ
50
Ω
0.047 F
µ
SFE10.7MHY-A
CFWS450HT
+
4.7 F
µ
+
2.2 F
µ
2 k
Ω
OSC1 Buff
OUT
0.01 F
µ
100 k
Ω
47 pF
330 pF
VTUNE
L4
1 F
µ
0.01
F
µ
15 pF
0.01
F
µ
47 pF
10.26 MHz
0.047 F
µ
10 F
µ
2.7 k
Ω
+
+
47 F
µ
0.033 F
µ
0.01 F
µ
T3
VCC
AUDIO OUT
OSC
Buff
OSC1
SEEK
LO/DX
AGC
comparator
RF AGC detection
Station detector
RF AGC
driver
Signal meter
OSC2
Time constant
selector switch
Detector
IF
AGC
MIX2
AGC
IF
amplifier
MIX1
Buff1
Buff2
MIX2
1234
5678
9
10
11
12
13
14
15
16
17
18
26
25
24
23
22
21
20
19
27
28
29
30
31
32
33
34
35
36
12 H
µ
L3
39
pF
+
51
k
Ω
5 V
KV1310 (TOKO, Inc.)
(6)
(3)
(4)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com