Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 10Page - Renesas Technology Corp UPC2533 Datasheet HTML 11Page - Renesas Technology Corp UPC2533 Datasheet HTML 12Page - Renesas Technology Corp UPC2533 Datasheet HTML 13Page - Renesas Technology Corp UPC2533 Datasheet HTML 14Page - Renesas Technology Corp UPC2533 Datasheet HTML 15Page - Renesas Technology Corp UPC2533 Datasheet HTML 16Page - Renesas Technology Corp UPC2533 Datasheet HTML 17Page - Renesas Technology Corp UPC2533 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
12
µPC2533
2.2
MIX1 Block
Fig. 2-2 MIX1 Block
Note Output impedance and input impedance of Buff1 are 330
Ω and 15 kΩ, respectively.
MIX1 (Q101 to Q108) is a DBM (double balanced mixer).
MIX1 output is supplied to 10.7 MHz ceramic filter via Buff1 (output impedance: 330
Ω) for impedance matching.
The local oscillation signal is applied to the bases of Q101 to Q104, and the RF signal to the base of Q105. MIX1
(Q101 to 108) multiplies the local oscillation signal by RF signal, and converts to the resonance frequency of IFT T1
for output.
The local oscillation signal is output from pin 1 via Q109 (OSC Buff). It has an amplitude of 110 dB
µV and can
be directly input to CMOS LSI for use by the PLL synthesizer.
The RF signal applied to the base of Q105 is also input to the detector of the RF AGC circuit.
1
28
33
30
23
32
17
29
27
R11
Q109
Q105
VT
T1
VCC
R107
Q106
Q107
Q108
R108
R109
R110
R111
R112
Buff1
Q104
Q103
Q102
Q101
To RF AGC circuit (Fig. 2-4)
To 10.7 MHz
BPF
From
LPF
Note
+
31
OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com