Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 21Page - Renesas Technology Corp UPC2533 Datasheet HTML 22Page - Renesas Technology Corp UPC2533 Datasheet HTML 23Page - Renesas Technology Corp UPC2533 Datasheet HTML 24Page - Renesas Technology Corp UPC2533 Datasheet HTML 25Page - Renesas Technology Corp UPC2533 Datasheet HTML 26Page - Renesas Technology Corp UPC2533 Datasheet HTML 27Page - Renesas Technology Corp UPC2533 Datasheet HTML 28Page - Renesas Technology Corp UPC2533 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
23
µPC2533
Cross-Modulation Characteristics (40 kHz Detuning)
0
–10
–20
–30
–40
–50
–60
50
60
70
80
90
100
110
120
130
140
Interference signal input level (dB V)
µ
VCC = 8 V
Desired: f = 999 kHz
Interference: f = 1039 kHz
Desired:
V = 100 dB V
80 dB V
µ
µ
Desired:
V = 40 dB V
µ
100 dB V
µ
Desired: 400 Hz 30% modulation; interference: non-modulation
Desired: non-modulation; interference: 400 Hz 30% modulation
Desired: non-modulation; interference: non-modulation
40 dB V
µ
60 dB V
µ
45 dB V
µ
45 dB V
µ
60 dB V
µ
80 dB V
µ
Cross-Modulation Characteristics (40 kHz Detuning, FET Load 255
Ω) (Reference Only)
Desired:
V = 100 dB V
80 dB V
µ
µ
60 dB V
µ
VCC = 8 V
Desired:
f = 999 kHz
Interference:
f = 1039 kHz
0
60
70
80
90
100
110
120
130
140
Interference signal input level (dB V)
µ
0
–10
–20
–30
–40
–50
–60
Desired: 400 Hz 30% modulation; interference: non-modulation
Desired: non-modulation; interference: 400 Hz 30% modulation
Desired: non-modulation; interference: non-modulation
45 dB V
µ
40 dB V
µ
Desired:
V = 40 dB V
µ
45 dB V
µ
65 dB V
µ
80 dB V
µ
100 dB V
µ
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com