Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 29Page - Renesas Technology Corp UPC2533 Datasheet HTML 30Page - Renesas Technology Corp UPC2533 Datasheet HTML 31Page - Renesas Technology Corp UPC2533 Datasheet HTML 32Page - Renesas Technology Corp UPC2533 Datasheet HTML 33Page - Renesas Technology Corp UPC2533 Datasheet HTML 34Page - Renesas Technology Corp UPC2533 Datasheet HTML 35Page - Renesas Technology Corp UPC2533 Datasheet HTML 36Page - Renesas Technology Corp UPC2533 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
31
µPC2533
Coil Specifications (TOKO, Inc.)
Product No.
Connection Diagram
Prototype No.
Specifications
L1
X119FNS-16314Z
(1) - (3)
15T
L = 4.7
µH
Qu > 60
L2
388DN-1043BS
(4) - (6)
1440T
L = 100 mH
Qu > 45
L3
247BR-0147Z
(1) - (3)
274T
L = 2 mH
Qu > 50
L4
392AN - 1871Y
(1) - (3)
(1) - (2)
(2) - (3)
8T
4T
4T
L = 1.8
µH
Qu > 70
T1
392AC-1883N
(1) - (3)
(1) - (2)
(2) - (3)
14T
7T
7T
(4) - (6)
C = 43 pF
3T
Qu > 50
fO = 10.7 MHz
T2
7PSYC-1779N
(1) - (3)
(1) - (2)
(2) - (3)
152T
76T
76T
(4) - (6)
C = 180 pF
40T
Qu > 25
fO = 450 kHz
T3
CX7YCS-8986N
(1) - (3)
(1) - (2)
(2) - (3)
148T
43T
105T
(4) - (6)
C = 180 pF
30T
Qu > 40
±20 %
fO = 450 kHz
•
BPF SFE10.7 MHY-A (MURATA mfg. Co., Ltd.)
CFWS450HT (MURATA mfg. Co., Ltd.)
•
RF
FET 2SK1000 (NEC)
(3)
(2)
(1)
(4)
(6)
(3)
(2)
(1)
(4)
(6)
(3)
(2)
(1)
(4)
(6)
(3)
(2)
(1)
(4)
(6)
(3)
(2)
(1)
(4)
(6)
(3)
(2)
(1)
(4)
(6)
(3)
(2)
(1)
(4)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com