Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 18Page - Renesas Technology Corp UPC2533 Datasheet HTML 19Page - Renesas Technology Corp UPC2533 Datasheet HTML 20Page - Renesas Technology Corp UPC2533 Datasheet HTML 21Page - Renesas Technology Corp UPC2533 Datasheet HTML 22Page - Renesas Technology Corp UPC2533 Datasheet HTML 23Page - Renesas Technology Corp UPC2533 Datasheet HTML 24Page - Renesas Technology Corp UPC2533 Datasheet HTML 25Page - Renesas Technology Corp UPC2533 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
20
µPC2533
Reference Characteristics
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Maximum sensitivity
MS
VIN making VO –10 dB, where
–
13
–
dB
µV
VO = 0 dB at VIN = 74 dB
µV
S/D sensitivity (AC)
SS(AC)
VIN making SEEK, SD AC
–
29
–
dB
µV
OUT level 101 dB
µV or more
S/D sensitivity (DC)
SS(DC)
VIN making SEEK, SD AC
–
29
–
dB
µV
OUT voltage 4.8 V or more
S/D output time
T-SD
Delay time from the time when
0
5
25
ms
changing SEEK VIN = 0
→ 40
dB
µV to the time when pin 10
voltage becomes 4.8 V or more
Vo stabilization time
T-VO
VIN = 60
→ 100 dB
µV,
60
160
260
ms
VO =
±3 dB
Tweet
TW
VIN = 74 dB
µV, 2IF
–
60
–
dB
2nd local buffer negative
ZOSC2
Maximum value of a series
400
–
–
Ω
impedance
resistor with which the crystal
can oscillate
Usable sensitivity
US
VIN making S/N = 20 dB
–
25
–
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com