Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 15Page - Microchip Technology MCP16413 Datasheet HTML 16Page - Microchip Technology MCP16413 Datasheet HTML 17Page - Microchip Technology MCP16413 Datasheet HTML 18Page - Microchip Technology MCP16413 Datasheet HTML 19Page - Microchip Technology MCP16413 Datasheet HTML 20Page - Microchip Technology MCP16413 Datasheet HTML 21Page - Microchip Technology MCP16413 Datasheet HTML 22Page - Microchip Technology MCP16413 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006394D-page 19
MCP1641X
5.0
DEVICE OVERVIEW
5.1
Introduction
The MCP1641X is a low-voltage, step-up converter with
battery monitoring features. The MCP1641X delivers
high efficiency over a wide range of inputs: single-cell,
two-cell, alkaline/NiMH batteries or single-cell
Li-Ion/Li-Polymer batteries can be used.
A high level of integration lowers total system cost,
eases implementation and reduces the Bill of Materials
(BOM) and board area.
This family of devices features low quiescent current, a
programmable start-up voltage (UVLOSTART), low battery
indication, adjustable output voltage, dual modes of
operation (PFM/PWM and PWM Only), integrated
synchronous switch, internal compensation, low noise
anti-ringing control, inrush current limit and soft start.
A new battery-friendly feature for the Microchip’s step-up
converters family is the Automatic Input-to-Output
Voltage Bypass. This function helps optimize the capacity
usage of the battery, and keeps the efficiency high and
the noise low for a narrow step-up conversion ratio (e.g.,
two fresh alkaline cells powering a boost converter for a
3.0V or 3.3V output voltage). With automatic transition
from Input-to-Output Bypass to Boost mode operation
and low noise anti-ringing control circuitry, in addition to
the PWM Only switching, the MCP1641X devices offer a
good low noise DC-DC solution for compact
battery-powered systems.
The monitoring of its internal temperature, while
powering the converter from batteries, is an additional
safety feature of the MCP1641X family. An output pin
(PGT) provides an error signal if the temperature of the
die exceeds +75
C.
There are two shutdown options for the MCP1641X
family: Output Discharge and Input-to-Output Bypass.
5.2
MCP1641X Options
A summary of the device options is presented in
Table 3-1.
5.2.1
PFM/PWM OPERATION
The MCP16411/3/5/7 devices use an automatic
switchover from PWM to PFM mode, for light load
conditions, to maximize efficiency over a wide range of
output current.
The PFM mode operation has a higher output voltage
ripple and variable frequency as compared to the PWM
mode.
5.2.2
PWM ONLY OPERATION
During periods of light load operation, the MCP1641X
devices continue to operate at a fixed 500 kHz
switching frequency, allowing pulse-skipping.
The MCP16412/4/6/8 devices disable PFM mode
switching and operate only in PWM mode over the
entire load range.
5.2.3
OUTPUT DISCHARGE SHUTDOWN
OPTION
The MCP16411/2/5/6 devices incorporate an output
auto-discharge feature. While in Shutdown mode, the
MCP16411/2/5/6 devices automatically discharge the
output capacitor by using an internal N-Channel
MOSFET switch.
The capacitors connected to the output are discharged
by an integrated switch of 150-200Ω. The discharge
time depends on the total output capacitance.
During the Output Discharge Shutdown mode, the
output
of
the
MCP16411/2/5/6
is
completely
disconnected from the input by turning off the
integrated P-Channel switch and removing the switch
bulk diode connection. This removes the DC path,
which is typically present in boost converters and which
allows the output to be disconnected from the input.
While in this mode, a low quiescent current (2.3 µA,
typical) is consumed from the input (battery).
5.2.4
INPUT-TO-OUTPUT BYPASS
SHUTDOWN OPTION
The
MCP16413/4/7/8
devices
incorporate
the
Input-to-Output Bypass Shutdown option. With the EN
input pulled low, the output is connected to the input
using the internal P-Channel MOSFET.
In this mode, the current drawn from the input (battery)
is 2.3 μA, typically, with no load. The Input-to-Output
Bypass mode is used when the input voltage range is
high enough for the load to operate in Standby or Low
IQ mode (e.g., a microcontroller). When a higher,
regulated output voltage is necessary to operate the
application, the EN input is pulled high, boosting the
output to the regulated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com