Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 28Page - Microchip Technology MCP16413 Datasheet HTML 29Page - Microchip Technology MCP16413 Datasheet HTML 30Page - Microchip Technology MCP16413 Datasheet HTML 31Page - Microchip Technology MCP16413 Datasheet HTML 32Page - Microchip Technology MCP16413 Datasheet HTML 33Page - Microchip Technology MCP16413 Datasheet HTML 34Page - Microchip Technology MCP16413 Datasheet HTML 35Page - Microchip Technology MCP16413 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MCP1641X
DS20006394D-page 32
 2020-2021 Microchip Technology Inc. and its subsidiaries
FIGURE 7-5:
Dynamic Changing Method for UVLOs’ Thresholds with Output Shutdown at 2.8V to
Protect Li-Ion Batteries from Overdischarging.
Note:
RH and RL set the UVLOSTART to 3.3V. For battery voltage higher than 3.3V, the switching is enabled
and the device regulates to 5V. After start-up, the PGT signal turns on the N-MOS switch and puts in
parallel RH and RH1 and UVLOSTART changes dynamically from 3.3V to 2.8V. As a result, when the
battery gets discharged to 2.8V, the LBO switches to low level, turns on the NPN transistor (Q1) and
asserts to low the enable input, turning off the output of the converter.
VOUT
5V
VIN
GND
VFB
SW
L1
4.7 µH
VOUT
+
–
1.5 M
360 k
EN
39.2 k
UVLO
PGT
1M
LBO
COUT
10 µF
10 k
226 k
RH
REN
RL
ENABLE
1M
LOW BATTERY (2.8V)
1.5 M
RH1
PGT
UVLO START = 3.3V
UVLO STOP = 2.8V
Q1
NMOS
PGT
V
IN
V
IN
1V/div
V
OUT
2V/div
LBO Signal
2V/div
1s/div
I
= 10 mA
CIN
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com