Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 20Page - Microchip Technology MCP16413 Datasheet HTML 21Page - Microchip Technology MCP16413 Datasheet HTML 22Page - Microchip Technology MCP16413 Datasheet HTML 23Page - Microchip Technology MCP16413 Datasheet HTML 24Page - Microchip Technology MCP16413 Datasheet HTML 25Page - Microchip Technology MCP16413 Datasheet HTML 26Page - Microchip Technology MCP16413 Datasheet HTML 27Page - Microchip Technology MCP16413 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MCP1641X
DS20006394D-page 24
 2020-2021 Microchip Technology Inc. and its subsidiaries
FIGURE 5-4:
PGT Output Response.
5.3.10
AUTOMATIC INPUT-TO-OUTPUT
BYPASS MODE
The MCP1641X features Automatic Input-to-Output
Bypass mode if VIN is close to the selected VOUT or
higher. In this situation, VOUT tracks VIN, which is
“bypassed” to the output through the synchronous
P-Channel MOSFET. The device resumes Boost mode
if VOUT decreases down to approximately 90% of the
target regulation voltage.
This function has the advantage of offering a highly
efficient Conversion mode while the battery is fresh,
which translates into better battery utilization. This mode
of operation also removes the high output ripple and
noise, which is usually present in boost converters
during operation when the value of the input is very close
to the desired output voltage (where the switching duty
cycle is minimum and limited). This mode is
recommended for noise-sensitive power rail applications
(e.g., audio, LCD displays). The disadvantage is that the
output is not regulated in this range, but equal with
battery voltage minus a drop on the synchronous
P-MOS (IOUT * RDSON) rectifier.
FIGURE 5-5:
Automatic Boost-Bypass
Transition.
5.3.11
ENABLE
The MCP1641X devices are enabled when the EN pin
is set high and are disabled when the EN pin is set low
(Shutdown mode). The enable threshold voltage varies
with the input voltage. To enable the boost converter,
the EN voltage level must be greater than 82% of the
VIN voltage. To disable the boost converter, the EN
voltage must be less than 25% of the VIN voltage.
In Shutdown mode, a low quiescent current, 2.3 µA
(typical), is consumed from the input (battery).
5.3.12
SHORT-CIRCUIT PROTECTION
Unlike most boost converters, the MCP1641X allows its
output to be shorted during normal operation. The 1A
(typical) internal current limit and thermal shutdown
reduce excessive stress and protect the device during
periods of short-circuit, overcurrent and overtemperature.
5.3.13
INPUT OVERCURRENT LIMIT
The MCP1641X devices use a 1A (typical)
cycle-by-cycle inductor peak current limit to protect the
N-Channel switch. The overcurrent comparator resets
the driving latch when the peak of the inductor current
reaches the limit. In current limitation, the output
voltage starts dropping. To assure highest load current
operation, by design, the current limit is higher than
typical for an input voltage close to the output voltage
value.
5.3.14
THERMAL SHUTDOWN
Thermal shutdown circuitry is integrated in the
MCP1641X devices. This circuitry monitors the
device’s junction temperature and shuts off the output
if the junction temperature exceeds the typical +140°C
value. If this threshold is exceeded, the device auto-
matically restarts once the junction temperature drops
by 10°C (typical).
PGT
RESPONSE
PGT
DELAY
VOUT
PGT
250 µs
250 µs
<150 µs
VOUT (BOOST)
VOUT = (VIN –IOUT * RDSON)
VIN
VOUT
Time
V
VOUT = VIN
90% VOUT
0.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com