Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 26Page - Microchip Technology MCP16413 Datasheet HTML 27Page - Microchip Technology MCP16413 Datasheet HTML 28Page - Microchip Technology MCP16413 Datasheet HTML 29Page - Microchip Technology MCP16413 Datasheet HTML 30Page - Microchip Technology MCP16413 Datasheet HTML 31Page - Microchip Technology MCP16413 Datasheet HTML 32Page - Microchip Technology MCP16413 Datasheet HTML 33Page - Microchip Technology MCP16413 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MCP1641X
DS20006394D-page 30
 2020-2021 Microchip Technology Inc. and its subsidiaries
FIGURE 7-3:
Dynamic LBO Threshold to Help Optimize Li-Ion Battery Life.
VOUT
5V
VIN
GND
VFB
SW
CIN
10 µF
L1
4.7 µH
VOUT
+
–
1.5 M
360 k
EN
39.2 k
UVLO
PGT
1M
LBO
NMOS
COUT
10 µF
PGT
1.5 M
226 k
RH
RH1
RL
ENABLE
1M
LOW BATTERY (2.8V)
UVLO START = 3.3V
LBO = 2.8V
Note:
RH and RL set the UVLOSTART to 3.3V. For battery voltage higher than 3.3V, the switching is enabled and
the device regulates to 5V. After start-up, the PGT signal turns on the NMOS switch and puts in parallel
RH and RH1, and UVLOSTART changes to 2.8V. As a result, when the battery gets discharged to 2.8V, the
LBO switches to a low level to indicate the low battery warning.
V
IN
V
IN
1V/div
V
OUT
2V/div
LBO Signal
2V/div
1s/div
I
= 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com