Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 13Page - Microchip Technology MCP16413 Datasheet HTML 14Page - Microchip Technology MCP16413 Datasheet HTML 15Page - Microchip Technology MCP16413 Datasheet HTML 16Page - Microchip Technology MCP16413 Datasheet HTML 17Page - Microchip Technology MCP16413 Datasheet HTML 18Page - Microchip Technology MCP16413 Datasheet HTML 19Page - Microchip Technology MCP16413 Datasheet HTML 20Page - Microchip Technology MCP16413 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006394D-page 17
MCP1641X
4.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 4-1.
4.1
Undervoltage Lockout Input Pin
(UVLO), Input for Low-Voltage
Output Comparator
The UVLO and low battery comparator input use an
internal 485 mV reference. Connect the UVLO pin to
the VIN pin for a default start-up threshold of 0.85V. The
device stops switching at 0.8V typical input voltage.
Connect an external resistive divider to this pin to
increase the UVLOSTART threshold. When the battery
voltage or VIN is ramping down to the programmed
threshold, the LBO output pin will be asserted low.
4.2
Low Battery Output Pin (LBO)
The open-drain output shows a low-level warning
signal if the UVLO pin detects a battery level below the
485 mV threshold. If no external divider on the UVLO
pin is used (UVLO = VIN), low battery detection is
ineffective.
4.3
Power Good and Die
Overtemperature Pin (PGT)
The Power Good and Die Overtemperature (PGT) pin is
an open-drain output, which can be connected to VOUT
through a pull-up resistor. The pin switches to a low level
when VOUT drops below 10% of its nominal value or
when the internal die’s temperature sensor detects a
value higher than +75
C (typical).
The MCP16415/6/7/8 devices have only the Power
Good function implemented – PG pin (see Table 3-1 for
the device options).
4.4
Feedback Voltage Pin (VFB)
The VFB pin is used to provide output voltage regulation
by using a resistive divider network. The feedback
voltage is typically 0.97V.
TABLE 4-1:
PIN FUNCTION TABLE
MCP1641X
10-Lead MSOP
MCP1641X
10-Lead 3 mm x 3 mm TDFN
Symbol
Description
1
1
UVLO
Undervoltage Lockout (0.485V internal reference)
and Input Pin for Low Battery Output (LBO) Voltage
Comparator
2
2
LBO
Open-Drain Low Battery Comparator Output Pin
3
3
PGT, PG
Open-Drain Power Good and Die Overtemperature
Comparators Output Pin. Only MCP16411/2/3/4
devices have both functions implemented on the
same pin, PGT. See Table 3-1 for device options.
44
VFB
Feedback Voltage Pin, 0.97V Reference Voltage
55
VOUT
Output Voltage Pin
6
6
SW
Switch Node, Boost Inductor Pin
77
PGND
Power Ground Pin
88
SGND
Signal Ground Pin
99
VIN
Input Voltage Pin
10
10
EN
Enable Control Input Pin. The device is in shutdown
if EN is pulled to GND.
—
11
EP
Exposed Thermal Pad (3 x 3 TDFN only); must be
connected to PGND and SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com