Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 6Page - Microchip Technology MCP16413 Datasheet HTML 7Page - Microchip Technology MCP16413 Datasheet HTML 8Page - Microchip Technology MCP16413 Datasheet HTML 9Page - Microchip Technology MCP16413 Datasheet HTML 10Page - Microchip Technology MCP16413 Datasheet HTML 11Page - Microchip Technology MCP16413 Datasheet HTML 12Page - Microchip Technology MCP16413 Datasheet HTML 13Page - Microchip Technology MCP16413 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MCP1641X
DS20006394D-page 10
 2020-2021 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 10 mA,
TA = +25°C, 10-Lead MSOP Package, PFM/PWM Options = MCP16411/3/5/7, PWM Only Options = MCP16412/4/6/8.
FIGURE 2-19:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-20:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-21:
3.3V VOUT vs. VIN.
FIGURE 2-22:
Normalized Switching
Frequency vs. Ambient Temperature.
FIGURE 2-23:
3.3V VOUT, Minimum
Start-up and Shutdown VIN vs. Resistive Load.
FIGURE 2-24:
5.0V VOUT, Minimum
Start-Up and Shutdown VIN vs. Resistive Load.
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
I
LOAD = 100 mA
I
LOAD = 10 mA
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
V
IN = 2.5V
I
LOAD = 25 mA
V
IN = 1.2V
V
IN = 3V
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
0.8
1.1
1.4
1.7
2
2.3
2.6
2.9
3.2
Input Voltage (V)
T
A = -40°C
T
A = +25°C
I
LOAD = 50 mA
T
A = +85°C
470
475
480
485
490
495
500
505
510
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
I
LOAD = 100 mA
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
102030405060708090 100
Load Current (mA)
Shutdown
Start-Up
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
102030405060708090 100
Load Current (mA)
Shutdown
Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com