Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 3 Page - Microchip Technology

  MCP16413 Datasheet HTML 1Page - Microchip Technology MCP16413 Datasheet HTML 2Page - Microchip Technology MCP16413 Datasheet HTML 3Page - Microchip Technology MCP16413 Datasheet HTML 4Page - Microchip Technology MCP16413 Datasheet HTML 5Page - Microchip Technology MCP16413 Datasheet HTML 6Page - Microchip Technology MCP16413 Datasheet HTML 7Page - Microchip Technology MCP16413 Datasheet HTML 8Page - Microchip Technology MCP16413 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006394D-page 3
MCP1641X
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
EN, VFB, VIN, VSW, VOUT – GND .............................................................................................................................+5.5V
EN, VFB .............................................................................................. < Maximum between VOUT or VIN > (GND – 0.3V)
Output Short-Circuit Current .......................................................................................................................... Continuous
Output Current Bypass Mode ...............................................................................................................................600 mA
Power Dissipation .............................................................................................................................. ....Internally Limited
Storage Temperature ............................................................................................................................. -65°C to +150°C
Ambient Temperature with Power Applied ................................................................................................-40°C to +85°C
Operating Junction Temperature, TJ .......................................................................................................-40°C to +125°C
ESD Protection on All Pins:
Human Body Model ............................................................................................................................................... ≥ 4 kV
Charged Device Model ........................................................................................................................................... ≥ 2 kV
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operational listings of this specification is not intended. Exposure to maximum rating
conditions for extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V,
IOUT = 10 mA, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Voltage Range
VIN
0.82
—
5.25
V
Values apply for the entire VOUT
range
Minimum Input Voltage
for Start-up
VIN
——
0.88
V
Undervoltage Lockout
(UVLO)
UVLOSTART
0.83
0.85
0.87
V
Resistive load; UVLO pin
connected to VIN pin
UVLOSTOP
0.74
0.8
0.81
V
UVLOHYS
—50—
mV
Output Voltage Adjust
Range
VOUT
1.8
—
5.25
V
Note 1
Maximum Output Current
IOUT
170
—
—
mA
1.2V VIN, 2.0V VOUT (Note 4)
200
—
—
mA
1.5V VIN, 3.3V VOUT (Note 4)
600
—
—
mA
3.6V VIN, 5.0V VOUT (Note 4)
Feedback Voltage
VFB
0.95
0.97
0.985
V
Note 3
Feedback Input
Bias Current
IVFB
—1—
nA
Note 4
Quiescent Current at
VOUT
IQOUT
—5.0
7.0
µA
EN = VIN, does not include FB
divider current, PFM mode
(MCP16411/3/5/7) (Note 2)
Note 1: For VIN > VOUT, the device enters Automatic Input-to-Output Bypass mode, 
VOUT = VIN – RDS(ON)P * IOUT, maximum VIN is 5.25V.
2: VOUT pin is forced biased with a voltage higher than the nominal VOUT (device is not switching) at
IOUT = 0 mA. IQIN and IQOUT are the device’s current consumption at VIN and VOUT pins during Sleep
periods. The device selects its bias from VIN and/or VOUT.
3: 330
 resistive load, 3.3V VOUT (10 mA).
4: Determined by characterization, not production tested.
5: This is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com