Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 18Page - Microchip Technology MCP16413 Datasheet HTML 19Page - Microchip Technology MCP16413 Datasheet HTML 20Page - Microchip Technology MCP16413 Datasheet HTML 21Page - Microchip Technology MCP16413 Datasheet HTML 22Page - Microchip Technology MCP16413 Datasheet HTML 23Page - Microchip Technology MCP16413 Datasheet HTML 24Page - Microchip Technology MCP16413 Datasheet HTML 25Page - Microchip Technology MCP16413 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MCP1641X
DS20006394D-page 22
 2020-2021 Microchip Technology Inc. and its subsidiaries
5.3.1
INTERNAL BIAS
The MCP1641X devices get their start-up bias from
VIN. The VIN bias is used to power the device and
drive circuits over the entire operating range. During
normal operation, the internal VMAX comparator
selects the highest voltage rail between VIN and VOUT,
in order to optimize operation and reduce power
consumption. Once the output exceeds the input, bias
comes from the output. The internal voltage reference
of 485 mV is powered from the input voltage at all
times. A voltage amplifier buffers and multiplies the
reference to 0.97V for the FB input of the error
amplifier. Once the UVLO comparator triggers the
start-up, the internal control loop keeps the output in
regulation,
while
VIN ramps down to 0.8V
(UVLOSTOP).
5.3.2
LOW-VOLTAGE START-UP
The MCP1641X is capable of starting from a low input
voltage. Start-up voltage is well-controlled by the UVLO
circuitry, which uses the 485 mV voltage reference.
The default start-up value is 0.85V (typical). The
UVLOSTART threshold can be programmed by using an
external resistive divider connected to the UVLO pin.
This input also serves as a low battery input.
When the device is enabled (EN set high) and the input
voltage is higher than 0.85V (typical), the internal
start-up logic turns on the rectifying P-Channel switch
until the output capacitor is charged to a value close to
the input voltage. This is commonly called the output
precharging phase and the rectifying switch limits the
current during this time. Precharge current varies and
increases with VIN. Precharge current starts from
25 mA for low input voltage and increases up to
250 mA or more near the maximum limit of VIN.
After the output capacitor is charged to the input
voltage, the device starts switching and runs in open
loop,
with
limited
inductor
peak
current,
at
approximately 30-40% of its nominal value. Once the
output voltage ramps up to 60-70% of the nominal
value, the normal closed-loop operation is initiated.
5.3.3
UNDERVOLTAGE LOCKOUT (UVLO)
The internal UVLO comparator input uses the 485 mV
voltage reference to compare it with the battery input
voltage. If the UVLO input is tied to VIN, the comparator
enables the converter at 0.85V typical input voltage. If
a different UVLOSTART voltage is desired, a resistive
divider must be connected to the UVLO pin.
The UVLOSTOP threshold is set internally to 0.8V.
5.3.4
PFM/PWM OPERATION
The MCP16411/3/5/7 devices use an automatic
switchover from PWM to PFM mode, for light load
conditions, to maximize efficiency over a wide range of
output current. During PFM mode, a controlled peak
current limit is used to pump the output up to the
threshold. While operating in PFM or PWM mode, the
P-Channel switch is used as a synchronous rectifier,
turning off when the inductor current reaches 0 mA, in
order to maximize efficiency.
In PFM mode, a voltage comparator is used to terminate
switching when the output voltage reaches an upper
threshold limit. Once switching has terminated, the out-
put voltage decays or coasts down. During this Sleep
period, a very low current is consumed from the input
source, which keeps power efficiency high at light load.
The PFM mode frequency is a function of input voltage,
output voltage and load. While in PFM mode, the boost
converter periodically pumps the output with a fixed
switching frequency of 500 kHz. The value of the
output
capacitor
changes
the
low-frequency
component ripple. The device itself is powered from the
output and consumes 5 µA (typical).
PFM operation is initiated if the output load current falls
below an internally programmed threshold. The output
voltage is continuously monitored; when the output
voltage drops below its nominal value, PFM operation
pulses one or several times to bring the output back
into regulation. If the output load current rises above
the upper threshold, the MCP16411/3/5/7 enters
smoothly into the PWM mode.
Figure 2-12 represents the input voltage versus load
current for the PFM to PWM threshold.
5.3.5
PWM ONLY OPERATION
In normal PWM Operation mode, the MCP16412/4/6/8
devices operate as a fixed frequency, synchronous
boost converter. The switching frequency is internally
maintained with a precision oscillator, which is typically
set to 500 kHz.
At light loads, the MCP16412/4/6/8 devices begin to
skip pulses. By operating in PWM Only mode, the
output ripple remains low and the frequency is
constant. Operating in Fixed PWM mode results in low
efficiency during light load operation, but with the
advantage of low output ripple and noise for the
supplied load. Lossless current sensing converts the
peak current signal to voltage in order to sum it with the
internal slope compensation. This summed signal is
compared with the voltage error amplifier output to
provide a peak current control command for the PWM
signal. The converter provides the proper amount of
slope compensation to ensure stability. The peak
current limit is typically set to 1A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com