Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 5Page - Microchip Technology MCP16413 Datasheet HTML 6Page - Microchip Technology MCP16413 Datasheet HTML 7Page - Microchip Technology MCP16413 Datasheet HTML 8Page - Microchip Technology MCP16413 Datasheet HTML 9Page - Microchip Technology MCP16413 Datasheet HTML 10Page - Microchip Technology MCP16413 Datasheet HTML 11Page - Microchip Technology MCP16413 Datasheet HTML 12Page - Microchip Technology MCP16413 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006394D-page 9
MCP1641X
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 10 mA,
TA = +25°C, 10-Lead MSOP Package, PFM/PWM Options = MCP16411/3/5/7, PWM Only Options = MCP16412/4/6/8.
FIGURE 2-13:
2.0V VOUT, Efficiency vs.
IOUT, PFM/PWM Options.
FIGURE 2-14:
3.3V VOUT, Efficiency vs.
IOUT, PFM/PWM Options.
FIGURE 2-15:
5.0V VOUT, Efficiency vs.
IOUT, PFM/PWM Options.
FIGURE 2-16:
2.0V VOUT, Efficiency vs.
IOUT, PWM Only Options.
FIGURE 2-17:
3.3V VOUT, Efficiency vs.
IOUT, PWM Only Options.
FIGURE 2-18:
5.0V VOUT, Efficiency vs.
IOUT, PWM Only Options.
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
OUT (mA)
V
IN = 1V
V
IN = 1.2V
V
IN = 1.6V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
OUT (mA)
V
IN = 3V
V
IN = 1.2V
V
IN = 1.6V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
OUT (mA)
V
OUT = 5.0V
V
IN = 1.2V
V
IN = 3V
V
IN = 4.2V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
OUT (mA)
V
IN = 1V
V
IN = 1.2V
V
IN = 1.6V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
OUT (mA)
V
IN = 3V
V
IN = 1.2V
V
IN = 1.6V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
OUT (mA)
V
OUT = 5.0V
V
IN = 1.2V
V
IN = 3V
V
IN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com