Electronic Components Datasheet Search
  English  ▼

X  

MCP16413 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP16413
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16413 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP16413 Datasheet HTML 7Page - Microchip Technology MCP16413 Datasheet HTML 8Page - Microchip Technology MCP16413 Datasheet HTML 9Page - Microchip Technology MCP16413 Datasheet HTML 10Page - Microchip Technology MCP16413 Datasheet HTML 11Page - Microchip Technology MCP16413 Datasheet HTML 12Page - Microchip Technology MCP16413 Datasheet HTML 13Page - Microchip Technology MCP16413 Datasheet HTML 14Page - Microchip Technology MCP16413 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006394D-page 11
MCP1641X
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 10 mA,
TA = +25°C, 10-Lead MSOP Package, PFM/PWM Options = MCP16411/3/5/7, PWM Only Options = MCP16412/4/6/8.
FIGURE 2-25:
3.3V VOUT, Inductor Peak
Current Limit vs.VIN.
FIGURE 2-26:
5.0V VOUT, Inductor Peak
Current Limit vs.VIN.
FIGURE 2-27:
Load Regulation, PWM Only
Options.
FIGURE 2-28:
2.0V VOUT, Inductor Peak
Current Limit vs. VIN.
FIGURE 2-29:
UVLOSTART and UVLOSTOP
vs. Ambient Temperature.
FIGURE 2-30:
N-Channel and P-Channel,
RDSON vs. > VIN or VOUT.
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Input Voltage (V)
L = 4.7 µH
T
A = +85°C
T
A = +25°C
T
A =-40°C
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
Input Voltage (V)
T
A = +85°C
T
A = +25°C
T
A =-40°C
L = 4.7 µH
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
10
20
30
40
50
60
70
80
90
100
Load Current (mA)
V
IN =2.5V
V
IN =1.5V
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Input Voltage (V)
L = 2.2 µH
T
A = +85°C
T
A = +25°C
T
A =-40°C
0.75
0.77
0.79
0.81
0.83
0.85
0.87
0.89
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
I
LOAD = 10 mA
UVLO
START
UVLO
STOP
0
1
2
3
4
5
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2
> V
IN or VOUT
P - Channel
N - Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com