Electronic Components Datasheet Search
  English  ▼

X  

MP5981 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP5981 Datasheet HTML 15Page - Monolithic Power Systems MP5981 Datasheet HTML 16Page - Monolithic Power Systems MP5981 Datasheet HTML 17Page - Monolithic Power Systems MP5981 Datasheet HTML 18Page - Monolithic Power Systems MP5981 Datasheet HTML 19Page - Monolithic Power Systems MP5981 Datasheet HTML 20Page - Monolithic Power Systems MP5981 Datasheet HTML 21Page - Monolithic Power Systems MP5981 Datasheet HTML 22Page - Monolithic Power Systems MP5981 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
19
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
RON to be 10kΩ. For example, if N is 2, then RPD
can be set to about 22
kΩ.
ON
ON/PD
Controller
MP5981
ON/PD
Control
4.2µA
RON
RPD
VDD3
Control
Logic
10k
Ω
Figure 9: ON/PD Connection for PD Mode
If
ON/PD
is
controlled
by
the
hot-swap
controller and PD mode is not required, remove
RPD and set RON to 0Ω.
GOK Report
GOK is an open-drain, active-low signal that
reports the fault of the Intelli-Fuse. When a fault
occurs, GOK is pulled low. Pull GOK up to the
VDD3 voltage through a 100k
Ω resistor. During
VDD3 power-up, the GOK output is driven low.
Before the power FET is turned on, the GOK
fault condition is detected when VDD3 and VIN
have passed the UVLO threshold. ON/PD is
greater than 1.4V, so the GOK signal is pulled
high if no fault is detected, and is pulled low if a
fault is detected.
There are four fault latch protections for the
MP5981:
1. Over-current protection: When VCS exceeds
the
CLREF
threshold
during
normal
operation, the GOK signal is pulled low after
a 180µs gate regulation time.
2. Short-circuit protection: When the Intelli-
Fuse load current reaches 100A rapidly,
GOK is pulled low immediately.
3. Over-temperature
protection:
Once
the
junction temperature (TJ) exceeds 143°C,
GOK is pulled down.
4. Power FET not fully on indication: After the
FET is enabled and VOUT begins ramping, if
VOUT < 90% of VIN for the maximum soft-
start time (270ms), GOK is driven low. If
VOUT < 1/8 VIN and the FET current is
regulated by VBE for 2.1ms, GOK is driven
low.
When a latch fault occurs, GOK is pulled low.
The GOK fault latch can be released by
recycling VIN.
The MP5981 can detect a power FET drain-to-
source short before the FET is turned on. If a
short is detected, GOK is driven low. Once the
short is removed, GOK is released high again.
Figure 10 shows the power FET on/off control
with the GOK timing diagram when the MP5981
is controlled by the hot-swap controller.
Latch Fault
Occurs
D-S Short
VIN/
VDD33
ON/PD
SWITCH
GOK
Insertion Delay
Remove
Fault
FET Off
FET On
Remove Fault
FET On
Insertion Delay
FET On
Figure 10: Power FET On/Off Control when a
Fault Occurs
Damaged Intelli-Fuse MOSFET Detection
The MP5981 can detect a shorted pass FET
during power-up. Once VDD3 exceeds the
UVLO rising threshold and ON/PD exceeds the
1.4V FET on threshold, the MP5981 detects a
shorted pass FET by treating an output voltage
that exceeds 90% of VIN before the FET turns
on as a short on the MOSFET. The GOK signal
remains low when the MP5981 detects VOUT >
90% of VIN during start-up. Once the short is
removed, and the MP5981 detects that VOUT <
70% of VIN, the GOK signal is released high
again, and the MP5981 prepares for normal
start-up.
D_OC Report
D_OC is an open-drain, active-low output that
reports the over-current warning when VOUT ≥
90% of VIN. Once VCS exceeds 85% of the
CLREF voltage, D_OC is driven low. When VCS
drops below the threshold, D_OC is released
high again. Pull D_OC up to the VDD3 voltage
through a 100k
Ω resistor.
Input and Output Transient Protection
The hot-swap system experiences positive
transients on the input during a hot plug or rapid
turn-off with high current due to parasitic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com