Electronic Components Datasheet Search
  English  ▼

X  

MP5981 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5981 Datasheet HTML 5Page - Monolithic Power Systems MP5981 Datasheet HTML 6Page - Monolithic Power Systems MP5981 Datasheet HTML 7Page - Monolithic Power Systems MP5981 Datasheet HTML 8Page - Monolithic Power Systems MP5981 Datasheet HTML 9Page - Monolithic Power Systems MP5981 Datasheet HTML 10Page - Monolithic Power Systems MP5981 Datasheet HTML 11Page - Monolithic Power Systems MP5981 Datasheet HTML 12Page - Monolithic Power Systems MP5981 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
9
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, RCS = RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
OCP Regulation Time vs.
Temperature
Internal PD Resistor vs. Temperature
160
165
170
175
180
185
190
195
200
-40 -20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
300
350
400
450
500
550
600
-40 -20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
No Load VTEMP Voltage vs.
Temperature
VTEMP Voltage vs. Output Current
0
200
400
600
800
1000
1200
1400
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
0.2
0.4
0.6
0.8
1
1.2
1.4
5
10
15
20
25
30
35
40
45
50
OUTPUT CURRENT (A)
Supply Current vs. Input Voltage
ON/PD = Low
Supply Current vs. Input Voltage
ON/PD = High
1200
1250
1300
1350
1400
1450
1500
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
1200
1300
1400
1500
1600
1700
1800
4
6
8
10
12
14
16
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com