Electronic Components Datasheet Search
  English  ▼

X  

MP5981 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5981 Datasheet HTML 2Page - Monolithic Power Systems MP5981 Datasheet HTML 3Page - Monolithic Power Systems MP5981 Datasheet HTML 4Page - Monolithic Power Systems MP5981 Datasheet HTML 5Page - Monolithic Power Systems MP5981 Datasheet HTML 6Page - Monolithic Power Systems MP5981 Datasheet HTML 7Page - Monolithic Power Systems MP5981 Datasheet HTML 8Page - Monolithic Power Systems MP5981 Datasheet HTML 9Page - Monolithic Power Systems MP5981 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
6
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQ
Intelli-Fuse on, no load
1.8
2.7
mA
Fault latch off
1.5
2.4
mA
Intelli-Fuse off, VIN = 16V
1.6
2.5
mA
VDD3 Regulator and Under-Voltage Lockout (UVLO)
VDD3 regulator output voltage
VDD3
IVDD3 = 0mA
2.855
3.05
3.245
V
VDD3 regulator load capability
IVDD3
VOL = VDD3 - 40mV
14
mA
VDD3 under-voltage lockout threshold
rising
VDDVTH
2.28
2.41
2.54
V
VDD33 under-voltage lockout
threshold falling
VDDVTL
1.9
2.04
2.18
V
VDD3 under-voltage lockout threshold
hysteresis
VDDHYS
370
mV
VIN Under-/Over-Voltage Protection (UVP, OVP)
VIN under-voltage lockout threshold
rising
VINVTHR
2.74
2.91
3.08
V
VIN under-voltage lockout threshold
falling
VINVTHF
2.38
2.58
2.78
V
VIN over-voltage protection
VINOVP
17
18.5
20
V
Power MOSFET
On resistance
RDS(ON)
TJ = 25°C
1.1
1.375
mΩ
TJ = 125°C (5)
1.485
1.8
Off-state leakage current
IOFF
VIN = 16V, power FET off
1
μA
Short-Circuit Current Limit
Short-circuit current limit (5)
ILimitSC
100
A
Short-circuit protection response time
(5)
tSC
200
ns
Current Limit Reference (CLREF)
Internal CLREF current
ICLREF
9.2
10
10.8
μA
CLREF internal max current limit
clamp
VCLREF̲_CLAMP
VBE at VOUT < 80% of VIN,
TJ = 25°C
570
635
699
mV
VBE at VOUT < 80% of VIN,
TJ = 125°C (5)
370
440
510
mV
VOUT
≥ 80% of VIN
1.44
1.6
1.76
V
CLREF over-current regulation time
tCL_REG
VOUT
≥ 90% of VIN,
CLREF
≥ 0.3V
120
180
265
μs
Short-circuit start-up protection timer
tSC_TIMER
VOUT < 1/8 * VIN, power
FET current is regulated
by VBE. Not valid when
ramping VIN
2.1
3.2
ms
Current-Sense Output (CS)
Current-sense gain
IOUT > 5A
9.7
10
10.3
μA/A
Current-sense gain offset
IOUT > 5A
-3
3
μA
Over-current D_OC high to low
threshold
VDOC_TH
VOUT
≥ 90% of VIN,
0.3V
≤ CLREF ≤ 1.6V
0.8
0.85
0.9
VCLREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com