Electronic Components Datasheet Search
  English  ▼

X  

MP5981 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP5981 Datasheet HTML 18Page - Monolithic Power Systems MP5981 Datasheet HTML 19Page - Monolithic Power Systems MP5981 Datasheet HTML 20Page - Monolithic Power Systems MP5981 Datasheet HTML 21Page - Monolithic Power Systems MP5981 Datasheet HTML 22Page - Monolithic Power Systems MP5981 Datasheet HTML 23Page - Monolithic Power Systems MP5981 Datasheet HTML 24Page - Monolithic Power Systems MP5981 Datasheet HTML 25Page - Monolithic Power Systems MP5981 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
22
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Current Limit Resistor (RCS)
The MP5981
’s normal current limit value should
be greater than the normal maximum load
current, allowing the tolerances in the current
sense value. The current limit can be calculated
with Equation (10):
(A)
10
R
V
I
5
CS
CLREF_NORM
LIMIT
=
(10)
Where VCLREF_NORM is the CLREF voltage when
the power FET works in linear mode, and RCS is
the resistor from CS to ground
(Ω).
If RCS is set to 3kΩ, and VCLREF_NORM is 1.2V, the
desired current limit is about 40A. When
VCLREF_NORM is 0.3V, the desired current limit is
about 10A.
Note that the maximum CS resistor (RCS)
should be set no higher than 3.6
kΩ.
CLREF
CLREF sets the current-limit reference voltage,
which can be determined by the hot-swap
controller or a resistor to ground in standalone
operation. A CLREF 10µA current source sets
the pin voltage. Place a 1nF capacitor from
CLREF to ground to smooth the indicator
voltage if the MP5981 is in standalone mode.
For the current limit at normal operation, the
CLREF voltage can be set from 0.3V to 1.6V to
program the current limit low or high while a
fixed RCS resistor is used.
Current Monitor Set (IMON)
The
MP5981
provides
a power MOSFET
current-monitoring function. Place a resistor to
ground to set the gain of the output current.
In a single-MP5981 application, the IMON
resistor should be set no lower than the CS
resistor. When the MP5981 is used in a multi-
fuse
parallel
application,
achieve
start-up
current balance per device by connecting IMON
and CS (see Figure 14).
The
equivalent
average
IMON
resistor
(RIMON_AVG) can be calculated with RCS / N,
where N is the active parallel number.
MP5981
MP5981
MP5981
IMON
IMON
GND
CS
IMON
RCS
GND
CS
RCS
GND
CS
RCS
N
R
R
CS
IMON_AVG =
RIMON
RIMON
RIMON
RIMON = RCS
Figure 14: Multi-MP5981 IMON and CS
Connection in Parallel Application
Maximum Output Current
The MP5981 drives up to 50A of continuous
current per device at room temperature, and
can reach 60A with air flow. Figure 15 shows
the case temperature rise vs. the output current
at different air conditions.
0
20
40
60
80
100
120
30
35
40
45
50
55
60
OUTPUT CURRENT (A)
No Air Flow
Air Flow=100ft/min
Air Flow=200ft/min
Figure 15: Output Current Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com