Electronic Components Datasheet Search
  English  ▼

X  

MP5981 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5981 Datasheet HTML 10Page - Monolithic Power Systems MP5981 Datasheet HTML 11Page - Monolithic Power Systems MP5981 Datasheet HTML 12Page - Monolithic Power Systems MP5981 Datasheet HTML 13Page - Monolithic Power Systems MP5981 Datasheet HTML 14Page - Monolithic Power Systems MP5981 Datasheet HTML 15Page - Monolithic Power Systems MP5981 Datasheet HTML 16Page - Monolithic Power Systems MP5981 Datasheet HTML 17Page - Monolithic Power Systems MP5981 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
14
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
VIN
VDD3
LDO
12µA
Current
Sense
Control Logic
IMON
CS
CLREF
PD
1.6V
SSRDY
IN OUT
VDD3
VDD3
VDD3
VDD3
RON = 500Ω
10µA
4µA
ISENSE
ISENSE
AMP
AMP
AMP
I = (VIN /
800kΩ)
640kΩ
80kΩ
15k
Ω
85kΩ
COMP
OUT
SS
A = 1
Soft Start
0.75V
Charge
Pump
Fast-Off Comp
VBE
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com