Electronic Components Datasheet Search
  English  ▼

X  

MP5981 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5981 Datasheet HTML 1Page - Monolithic Power Systems MP5981 Datasheet HTML 2Page - Monolithic Power Systems MP5981 Datasheet HTML 3Page - Monolithic Power Systems MP5981 Datasheet HTML 4Page - Monolithic Power Systems MP5981 Datasheet HTML 5Page - Monolithic Power Systems MP5981 Datasheet HTML 6Page - Monolithic Power Systems MP5981 Datasheet HTML 7Page - Monolithic Power Systems MP5981 Datasheet HTML 8Page - Monolithic Power Systems MP5981 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
4
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP5981GLU*
LGA-32 (5mmx5mm)
See Below
MP5981GLU-C00E**
LGA-32 (5mmx5mm)
See Below
* For Tape & Reel, add suffix -Z (e.g. MP5981GLU-Z)
** For Tape & Reel, add suffix -Z (e.g. MP5981GLU-C00E-Z)
**Refer to PCB layout guideline section for the recommendation of MP5981GLU and MP5981GLU-C00E
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP5981: Part number
LLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
VOUT
VOUT
VIN
D_OC
ON/PD
GOK
NC
NC
MODE
CS
CLREF
IMON
VDD3
GND
SS
VTEMP
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
LGA-32 (5mmx5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com