Electronic Components Datasheet Search
  English  ▼

X  

MP5981 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5981 Datasheet HTML 4Page - Monolithic Power Systems MP5981 Datasheet HTML 5Page - Monolithic Power Systems MP5981 Datasheet HTML 6Page - Monolithic Power Systems MP5981 Datasheet HTML 7Page - Monolithic Power Systems MP5981 Datasheet HTML 8Page - Monolithic Power Systems MP5981 Datasheet HTML 9Page - Monolithic Power Systems MP5981 Datasheet HTML 10Page - Monolithic Power Systems MP5981 Datasheet HTML 11Page - Monolithic Power Systems MP5981 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
8
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, RCS = RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Quiescent Current vs. Temperature
ON/PD = low, VIN = 16V
Quiescent Current vs. Temperature
ON/PD = high
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
-40 -20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
CLREF Clamp Voltage vs.
Temperature
ON/PD FET On/Off Threshold
vs. Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40 -20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
CLREF Clamp @
VOUT>80%VIN
CLREF Clamp @
VOUT<80%VIN
1.15
1.20
1.25
1.30
1.35
1.40
1.45
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE(°C)
ON/PD Rising
ON/PD Falling
RDS(ON) vs. Temperature
IOUT = 2A
VIN OVP vs. Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
18.40
18.45
18.50
18.55
18.60
18.65
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com