Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 33Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 34Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 36Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 37Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 38Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 39Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 40Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
37
Register Table
Registers Description
Address Byte
Bits
Bits Name
Default
Type
Description
0x00
2
15:12
Reserved
0000
R
Reserved
11:8
DEVICE_ID
0000
R/W
Device ID
7:0
CHIP_ID[7:0]
11100000
R
Chip Revision ID
E0 : First version
E1 : 2nd version
E2 : 3rd version
…..
0x01
1
7:5
Reserved
000
R
Reserved
4
PLL_LOCK
0
R
0 : PLL is locked to BCK (default)
1 : PLL is unlocked to BCK
3
BCK_CLOCK_STABLE
0
R
0 : BCK rate stable (default)
1 : BCK rate unstable
2
BCK_VALID
0
R
0 : BCK stable and match with
BCK_MODE setting (default)
1 : BCK unstable and miss match with
BCK_MODE setting
1
BCK_LOSS
0
R
0 : BCK no loss(default)
1 : BCK loss
0
LRCK_LOSS
0
R
0 : LRCK no loss(default)
1 : LRCK loss
0x03
1
7
SW_RESET
0
R/W
0 :
Chip doesn’t Software reset
(default)
1 : Chip reset by Software reset
6:4
Reserved
000
R
Reserved
3
AMPDS
0
R/W
Soft off mode enable
0 : Enter soft mode before off mode
(enable ramp control) (default)
1 : Enter off mode directly (disable
ramp control)
2
AMPE
0
R/W
Class-D enable
0 : Disable Class-D (default)
1 : Enable Class-D
1
SPKM
0
R/W
0 : Unmute (default)
1 : Force speaker mute (with ramp
control)
0
PWDN
1
R/W
Chip power down control
0 : Chip enable
1 : Chip power down (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com