Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 44 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 44 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 40Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 41Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 42Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 43Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 44Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 45Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 46Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 47Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 48Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
44
Address Byte
Bits
Bits Name
Default
Type
Description
0x20
1
7
WD_EN
1
R/W
0 : Disable watchdog
1 : Enable watchdog (default)
6
Reserved
0
R
Reserved
5:4
WD_TIMEOUT_SEL
10
R/W
Configure the minimum edge rate
(rising or falling) of WDT pin, if
violated, WD_RESP will be triggered
00 : At least one edge occurs every
5ms
01 : At least one edge occurs every
20ms
10 : At least one edge occurs every
35ms (default)
11 : At least one edge occurs every
50ms
3:2
Reserved
00
R
Reserved
1:0
WD_RESP
10
R/W
If watchdog timeout happened,
WD_RESP will guide the behavior of
AMP
00 : The Amp neither mutes nor shut
down when the watchdog is triggered.
The boost converter’s output voltage
is not affected.
01 : The Amp shuts down immediately
and the output transition is Hi-Z. The
boost converter ramps down to VBAT
then enters bypass mode.
10 : The Amp mutes according to the
configuration of VOLCTRL, instant
mute or soft mute. The boost
converter ramps down to VBAT then
enters bypass mode. (default)
11 : Signal in is multiplied by WD_RP
when watchdog timeout is happened,
instead of R_VOLUME.
0x21
1
7:0
WD_RP
00101000
R/W
Volume during watchdog timeout,
downward, 12 to
115.5dB in 0.5dB
step, (default 00101000 =
8dB)
e.g. 00000000 = 12dB
Equation : Volume = (WD_RP (DEC) x
0.5dB) + 12dB
0x24
2
15:9
Reserved
0000000
R
Reserved
8
HARD_CLIP_EN
1
R/W
0 : Disable hard clipping
1 : Enable hard clipping(default)
7:0
HARD_CLIP_TH
00000000
R/W
Hard Clip threshold if
HARD_CLIP_EN = 1 Downward, 12 to
115.5dB in 0.5dB step, (default
00000000 = 12dB)
e.g. 00000001 = 11.5dB
Equation : Hard Clip threshold =
(HARD_CLIP_TH (DEC) x
0.5dB) +
12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com