Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 16Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 17Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 22Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 23Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
20
5. SPKPROT_GAIN : The gain of safeguard for speaker protection.
When only one smart PA is connected, I2S bus is recommended. At this situation, signal sequence should be VMON,
VTEMP, VBAT, IMON and SPKPROT_GAIN. The SDI signal is only 16bit available for each channel.
The sequence is shown as below :
BCK
DATAI
LRCK
DATAO
Data =16bit
Channel L Data = 32bit
Channel R Data = 32bit
IMON
[15:0]
SPKPROT_GAIN[15:0]
VMON[15:0]
CH L
CH R
Frame Lengh = 64bit
Audio Data = 64bit
VTEMP[8:1]
VBAT[7:0]
Figure 10. Only One Smart PA I2S Left-Justified Format
When two smart PA is connected and the I2S is used, the VTEMP, VBAT and SPKPROT_GAIN signal must be
disabled. The SDI signal is only 16bit available for each channel.
The sequence is shown as below :
BCK
DATAI
LRCK
Device0
DATAO
12bit
Channel L Data = 32bit
Channel R Data = 32bit
Device0 IMON
Device0 VMON
CH L
CH R
Frame Lengh = 64bit
Audio Data = 64bit
Device1
DATAO
Device1 VMON
Device1 IMON
DATAO
Device1 VMON
Device1 IMON
Device0 IMON
Device0 VMON
12bit
Hi-Z
Hi-Z
12bit
12bit
8bit
12bit
8bit
12bit
Figure 11. Two Smart PA I2S Standard Format
TX Data Structuring in I
2S Mode
Table 5. TX Data Structuring in I
2S Mode
I
2SDOLS
I
2SDORS
Left Channel
Right Channel
bit 0-7
bit 8-15
bit 16-23
bit 24-31
bit 0-15
bit 16-31
000
VMON[15:0]
VTEMP[8:1]
VBAT[7:0]
IMON[15:0]
SPKPROT_GAIN[15:0]
001
DAC_BIQ[23:0]
8’h0
{DC_CUT_DATA[25:0], 8’h0}
010
Hi-Z[31:0]
VMON[15:4]
IMON[15:4]
8’h00
011
VMON[15:4]
IMON[15:4]
8’h0
Hi-Z[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com