Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 15Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 16Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 17Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
17
Mode Transition
The state machine of mode transition is shown in Figure 7. After power on, the control bit will always be reset to
PWDN mode.
PWDN
OP
FAULT
DVDD, VBAT valid = 1
PWDN = 0 (I
2
C)
SR valid = 1 & BCK valid = 1
PWDN = 1 (I
2
C)
OTP/OCP/OVP/UVP = 1
OTP/OCP/OVP/UVP = 0
(Check every 200ms)
PWDN = 1 (I
2
C)
SUSP
SR valid = 0 or BCK valid = 0
SR valid = 0 or BCK valid = 0
PWDN = 1 (I
2
C)
Figure 7. Mode Transition
Power ON/OFF Sequence
The power on sequence is shown in Figure 8. After power is valid, two groups of control signals should be set.
I2C : PWDN and AMPE should be programmed. These two bits can be programmed by single command since they
are at the same byte address.
I2S : BCK should be valid on the specified interface.
If the PWDN is set to 0 before the BCK is valid, it will go to SUSP mode automatically. The output of amplifier will be
valid after entering OP mode Signal ramp up will always be implemented when the mode transits from PWDN or
SUSP mode to OP mode.
DVDD, VBAT
PWDN (I
2
C)
BCK (I
2
S)
(SUSP)
Power on
DATA Output (I
2
S)
Operation
INITIAL (I
2
C)
6ms
Amp on (I
2
C)
1ms
Amp off
Amp off (I
2C)
(SUSP)
power off
Figure 8. Power ON/OFF Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com