Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 15Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
12
I
2C Interface
Device Addressing
The RT5510 supports I2C control interface. The default device address is accessed via ADS1 pin and WDT/ADS2
pin, see Table 2. Address selection via ADS1 pin and WDT/ADS2 pin with four separate address are supported for
stereo mode application. The levels on ADS1 pin and WDT/ADS2 pin determine the values of bits 1 and 2,
respectively. Note that the RT5510 always monitors the level of ADS1 to change its I2C ID, but the RT5510 will latch
the level of WDT/ADS2 once 768
s after the edge of RSTN pin or analog POR goes from low to high or software
reset from high to low.
Table 2. Address Selection Via Pins ADS1 and WDT/ADS2
WDT/ADS2 Pin (V)
ADS1 Pin (V)
Address
Function (bit 0)
0
0
0110100x (34H)
0 : write, 1 : read
0
DVDD
0110101x (35H)
0 : write, 1 : read
DVDD
0
0110110x (36H)
0 : write, 1 : read
DVDD
DVDD
0110111x (37H)
0 : write, 1 : read
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 = LSB
0
1
1
0
1
WDT/ADS2
ADS1
Bit 0 = LSB
I2C bus wiring is very simple. Only two signal lines SDA (Serial Data Line, Data or address signal) and SCL (Serial
Clock Line, Clock signal) are used to perform serial communication between integrated circuits in the system.
The corresponding I2C communication pins in the RT5510 are SDA and SCL.
Typical I2C format is (Start)-[Slave Address]-[Register Address]-[Data]-(Stop). After writing the slave address first, it
needs to be written again to specify the register address for reading and writing. The start and stop conditions of I2C
are determined by the SDA transition state, while SCL is at logic high level. When SCL is high, the SDA transition
from high to low is Start condition. Otherwise, SDA transition from low to high is Stop condition. The I2C Bus protocol
stipulates that in addition to the start signal and the stop signal, all signal transmissions are fixed in groups of 8 bits
(1 Byte), and the MSB is sent first. After each group (8 bits) signal is sent, the sender needs to read an ACK bit
(acknowledged) that the receiver responds. ACK low indicates that the data has been received. ACK is an important
basis for judging whether the communication between Master/Slave is normal. For valid I2C data read or write, SDA
must keep the signal stable and can’t change state when SCL is high in order to correctly read (latch) the data. SDA
only allows transitions when SCL is low level.
The serial interface also supports single-byte and multiple-byte read/write function. Please refer to the next
paragraph for the RT5510 Read / Write function description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com