Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Hold Time, LRCK from SCLK
Rising Edge
th1
10
--
--
ns
Setup Time, SDIN to SCLK Rising
Edge
tsu2
10
--
--
ns
Hold Time, SDIN from SCLK
Rising Edge
th2
10
--
--
ns
Rise/fall Time for SCLK/LRCLK
tr
--
--
8
ns
Note 1. Continuously stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25C with the component mounted on a high
effective-thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Quiescent, or ground current, is the difference between input and output currents. It is defined by IQ = IIN - IOUT under
no load condition (IOUT = 0mA). The total current drawn from the supply is the sum of the load current plus the ground
pin current.
Note 6. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com