Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5510WSC Datasheet HTML 1Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 2Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 3Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
4
Operation
Class-D Audio Amplifier
The RT5510 is a 9.5V boosted class-D audio amplifier
capable of delivering up to 4.8Wrms output power into
an 8
 speaker at a supply voltage of 3.6V. The audio
amplifier features low noise (20
Vrms). Signal gains
are configurable through analog (D_SPK_BOOST[2:0]
0 to 18dB, 3dB/step) and digital (VOLUME[7:0] 12 to
115.5dB, 0.5dB/step) circuits.
Over-current protection with threshold of 3A is also
implemented in the high efficiency bridge-tied-load
(BTL)
devices
to
provide
additional
protection
alongside the current limit of boost converter. The
3-level PWM scheme supports filter less speaker drive.
PLL
The on-chip PLL generates the 24.576MHz clock as
the internal operating clock source. The PLL uses the
BCK of I2S interface as the reference clock and the
programmability of the PLL allows the support of
various sample rate of audio data, like 8k / 11.025k /
12k / 16k / 22.05k / 24k / 32k / 44.1k / 48k / 88.2k /
96kHz. Combining PLL_N_I and PLL_N_F forms an
unsigned number in u13.16 format, which specifies the
ratio of 24.576MHz clock over the reference clock,
BCK.
PLL_CLK = BCK × (PLL_N_I +
PLL_N_F
2
16
)
X (PLL_N_I.PLL_N_F)
PLL
BCK
PLL_CLK = 24.576MHz
Over-Voltage Protection
The over-voltage (OV) protection detects whether the
PVDD voltage exceeds 11.5V to 12.5V. If the OV flag is
raised, analog circuits will be shut down. System will
check the PVDD voltage and update the status every
200ms.
Over-Current Protection
The over-current protection can detect the over-current
fault on class-D. The fault on the class-D which causes
a large current over 3A triggers the OC flag to the
digital control system and disables the analog blocks
by 200ms. After 200ms cooling time, the OC protection
detects the current again to determinate if the OC event
is finished.
Under-Voltage Protection
The
under-voltage
protection
can
detect
the
under-voltage fault on power supply VBAT. The UV flag
is triggered when VBAT is lower than UVLO, then
digital control system disables the analog blocks by
200ms. After 200ms cooling time, the UV protection
detects the voltage again to determinate if the UV
event is finished.
Over-Temperature Protection
The
over-temperature
protection
can
detect
the
over-temperature fault on the chip. The OT protection
is triggered when temperature sensed by TEMP sense
is higher than 150°C, then the digital control system
disables the analog blocks by 200ms. After 200ms
cooling time, the OT protection detects the temperature
again to determinate if the OT event is finished with the
hysteresis threshold 120°C.
VBAT Sense
The VBAT sense monitors the battery voltage between
the range from 2V to 6.375V with 8bit resolution, the
output is shown in the register “ 0x48 VBAT” with the
equation battery voltage (V) = VBAT code (DEC) / 40.
Temp. Sensing
Temperature sense monitors the temperature of the
chip with the range between
40°C to 175°C with 9-bit
resolution, the output is shown in the register
“VPTAT”
with
the
equation
code
=
temperature
(K)
=
temperature (°C) + 273.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com