Electronic Components Datasheet Search
  English  ▼

X  

RT5510WSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
9
Typical Application Circuit
Control Interface
SDA
F5
LRCK
BCK
DATAI
DATAO
Audio Interface 1
OUTN
OUTP
1.8V
F4
SCL
D5
C5
B5
E5
A5
F1,
F2
A2,
B2
C4
A1
C2
VBAT
CDVDD
0.1
μF
Base Band
Processor
F3
E1, E2
LX
RT5510
C3
RSTN
B4
D4
INT
LBST
1
μH
CINB
10
μF
VSNSP
VSNSN
A3
B3
bead
bead
CPVDD
22
μF
IOVDD
A4
CIOVDD
0.1
μF
D1, D2
VBST
B1, C1
PVDD
ADS1
E4
E3
WDT/ADS2
CVREF
1
μF
D3
VREF
Optional
CVBAT
0.1
μF
Table 1. Recommended Components Information
Reference
Part Number
Description
Package
Manufacturer
CINB
GRM155R61A106ME11D
10
F/10V/X5R
0402
muRata
CPVDD
GRM219R61C226ME15L
22
F/16V/X5R
0805
muRata
CPVDD
GRM187R61A226ME15D
22
F/10V/X5R
0603
muRata
LBST
CIGT252010EH1R0MNE
1
H, 4.7A, 30m, ±20%
2.5x2x1.2mm
Samsung



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com