Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS5518
Description  8 Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 30Page - Texas Instruments TAS5518 Datasheet HTML 31Page - Texas Instruments TAS5518 Datasheet HTML 32Page - Texas Instruments TAS5518 Datasheet HTML 33Page - Texas Instruments TAS5518 Datasheet HTML 34Page - Texas Instruments TAS5518 Datasheet HTML 35Page - Texas Instruments TAS5518 Datasheet HTML 36Page - Texas Instruments TAS5518 Datasheet HTML 37Page - Texas Instruments TAS5518 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
Introduction
25
SLES115 — August 2004
TAS5518
7 Biquads
in Series
Bass and
Treble
Bass & Treble
By-Pass
Bass & Treble
In-Line
Loudness
DRC
DRC
In-Line
DRC
By-Pass
From Input Mixer
Max
Volume
Pre-
Volume
Post-
Volume
Channel
Volume
Master
Volume
To Output
Mixer
Figure 1−19. DRC Positioning in TAS5518 Processing Flow
Figure 1−20 illustrates a typical DRC transfer function.
k2
T2
k1
k0
T1
O1
O2
DRC Input Level
1:1 Transfer Function
Implemented Transfer Fucntion
Region
0
Region
1
Region
2
Figure 1−20. Dynamic Range Compression (DRC) Transfer Function Structure
The three regions shown in Figure 1−20 are defined by three sets of programmable coefficients:
•
Thresholds T1 and T2—define region boundaries.
•
Offsets O1 and O2—define the DRC gain coefficient settings at thresholds T1 and T2 respectively.
•
Slopes k0, k1, and k2—define whether compression or expansion is to be performed within a given region.
The magnitudes of the slopes define the degree of compression or expansion to be performed.
The three sets of parameters are all defined in logarithmic space and adhere to the following rules:
•
The maximum input sample into the DRC is referenced at 0 dB. All values below this maximum value then
have negative values in logarithmic (dB) space.
•
The samples input into the DRC are 32-bit words and consist of the upper 32 bits of the 48-bit word format
used by the digital audio processor (DAP). The 48-bit DAP word is derived from the 32-bit serial data
received at the serial audio receive port by adding 8 bits of headroom above the 32-bit word and 8 bits
of computational precision below the 32-bit word. If the audio processing steps between the SAP input
and the DRC input result in no accumulative boost or cut, the DRC would operate on the 8 bits of headroom
and the 24 MSBs of the audio sample. Under these conditions, a 0-dB (maximum value) audio sample
(0x7FFFFFFF) is seen at the DRC input as a –48-dB sample (8 bits x −6.02 dB/bit = −48 dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com