Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS5518
Description  8 Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 13Page - Texas Instruments TAS5518 Datasheet HTML 14Page - Texas Instruments TAS5518 Datasheet HTML 15Page - Texas Instruments TAS5518 Datasheet HTML 16Page - Texas Instruments TAS5518 Datasheet HTML 17Page - Texas Instruments TAS5518 Datasheet HTML 18Page - Texas Instruments TAS5518 Datasheet HTML 19Page - Texas Instruments TAS5518 Datasheet HTML 20Page - Texas Instruments TAS5518 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
Introduction
8
SLES115 — August 2004
TAS5518
TERMINAL
DESCRIPTION
TERMIN-
ATION
5-V
TOLERANT
I/O
NO.
DESCRIPTION
TERMIN-
ATION
5-V
TOLERANT
I/O
NAME
63
MCLK
DI
5 V
Pulldown MCLK is a 3.3-V clock master clock input. The input frequency of this clock can
range from 4 MHz to 50 MHz.
64
RESERVED
Connect to digital ground
NOTES: 1. Type: A = analog; D = 3.3-V digital; P = power / ground / decoupling; I = input; O = output
2. All pullups are 200-µA weak pullups and all pulldowns are 200-µA weak pull downs. The pullups and pulldowns are included to assure
proper input logic levels if the terminals are left unconnected (pullups => logic 1 input; pulldowns => logic 0 input). Devices that drive
inputs with pull ups must be able to sink 200 µA, while maintaining a logic 0 drive level. Devices that drive inputs with pulldowns must
be able to source 200 µA, while maintaining a logic ‘1’ drive level.
3. If desired, low ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provide an extended high frequency supply decoupling. This approach avoids the potential of producing
parallel resonance circuits that have been observed when paralleling capacitors of different values.
4. 13.5-MHz crystal (HCM49)
1.4
TAS5518 Functional Description
Figure 1−4 shows the TAS5518 functional structure. The next sections describe the TAS5518 functional
blocks:
•
Power Supply
•
Clock, PLL, and Serial Data Interface
•
Serial Control Interface
•
Device Control
•
Digital Audio Processor (DAP)
•
Pulse Width Modulation (PWM) Processor
1.4.1 Power Supply
The power supply section contains supply regulators that provide analog and digital regulated power for
various sections of the TAS5518. The analog supply supports the analog PLL, while digital supplies support
the digital PLL, the digital audio processor (DAP), the pulse width modulator (PWM), and the output control
(reclocker). The regulators can also be turned off when terminals RESET and PDN are both low.
1.4.2 Clock, PLL, and Serial Data Interface
The TAS5518 is a clock slave only device and it requires the use of an external 13.5 MHz crystal. It accepts
MCLK, SCLK, and LRCLK as inputs only.
The TAS5518 uses the external crystal to provide a time base for:
•
Continuous data and clock error detection and management
•
Automatic data rate detection and configuration
•
Automatic MCLK rate detection and configuration (automatic bank switching)
•
Supporting I2C operation/ communication while MCLK is absent
The TAS5518 automatically handles clock errors, data rate changes, and master clock frequency changes
without requiring intervention from an external system controller. This feature significantly reduces system
complexity and design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com