Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 96 Page - Texas Instruments

Part # TAS5518
Description  8 Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 92Page - Texas Instruments TAS5518 Datasheet HTML 93Page - Texas Instruments TAS5518 Datasheet HTML 94Page - Texas Instruments TAS5518 Datasheet HTML 95Page - Texas Instruments TAS5518 Datasheet HTML 96Page - Texas Instruments TAS5518 Datasheet HTML 97Page - Texas Instruments TAS5518 Datasheet HTML 98Page - Texas Instruments TAS5518 Datasheet HTML 99Page - Texas Instruments TAS5518 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
Serial Control Interface Register Definitions
87
SLES115 — August 2004
TAS5518
Table 6−45. Channel 4 and 3 (Right and Left Rear)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
0
0
0
No change
0
0
0
0
0
0
0
1
Treble filter set 1
0
0
0
0
0
0
1
0
Treble filter set 2
0
0
0
0
0
1
1
1
Treble filter set 3
0
0
0
0
0
1
0
0
Treble filter set 4
0
0
0
0
0
1
0
1
Treble filter set 5
0
0
0
0
0
1
1
0
Illegal
0
0
0
0
0
1
1
1
Illegal
Table 6−46. Channel 7, 2, 1 (Center, Right Front, and Left Front)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No change
0
0
0
0
0
0
0
1
Treble filter set 1
0
0
0
0
0
0
1
0
Treble filter set 2
0
0
0
0
0
1
1
1
Treble filter set 3
0
0
0
0
0
1
0
0
Treble filter set 4
0
0
0
0
0
1
0
1
Treble filter set 5
0
0
0
0
0
1
1
0
Illegal
0
0
0
0
0
1
1
1
Illegal
6.33 Treble Filter Index (0xDD)
Index values above 0x24 are invalid.
Table 6−47. Treble Filter Index Register
I2C
SUBADDRESS
TOTAL BYTES
REGISTER
NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
0xDD
Treble filter index (TFI)
4
Ch8_TFI (31:24), Ch65_TFI (23:16), Ch43_TFI (15:8),
Ch721_TFI (7:0)
0x12,0x12,0x12,0x12
Table 6−48. Treble Filter Index
TREBLE INDEX VALUE
ADJUSTMENT (DB)
TREBLE INDEX VALUE
ADJUSTMENT (DB)
0x00
+18
0x13
−1
0x01
+17
0x14
−2
0x02
+16
0x15
−3
0x03
+15
0x16
−4
0x04
+14
0x17
−5
0x05
+13
0x18
−6
0x\06
+12
0x19
−7
0x07
+11
0x1A
−8
0x08
+10
0x1B
−9
0x09
+9
0x1C
−10
0x0A
+8
0x1D
−11
0x0B
+7
0x1E
−12
0x0C
+6
0x1F
−13
0x0D
+5
0x20
−14
0x0E
+4
0x21
−15
0x0F
+3
0x22
−16
0x10
+2
0x23
−17
0x11
+1
0x24
−18
0x12
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com