Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS5518
Description  8 Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 33Page - Texas Instruments TAS5518 Datasheet HTML 34Page - Texas Instruments TAS5518 Datasheet HTML 35Page - Texas Instruments TAS5518 Datasheet HTML 36Page - Texas Instruments TAS5518 Datasheet HTML 37Page - Texas Instruments TAS5518 Datasheet HTML 38Page - Texas Instruments TAS5518 Datasheet HTML 39Page - Texas Instruments TAS5518 Datasheet HTML 40Page - Texas Instruments TAS5518 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 103 page
background image
Introduction
28
SLES115 — August 2004
TAS5518
1.11.2.2 Offset Parameter Computation
The offsets set the boost or cut applied by the DRC-derived gain coefficient at the threshold point. An
equivalent statement is that offsets represent the departure of the actual transfer function from a 1:1 transfer
at the threshold point. Offsets are 25.23 formatted 48-bit logarithmic numbers. They are computed by the
following equation.
OINPUT +
ODESIRED ) 24.0824 dB
6.0206
Gains or boosts are represented as negative numbers; cuts or attenuation are represented as positive
numbers. For example, to achieve a boost of 21 dB at threshold T1, the I2C coefficient value entered for O1
must be:
O1INPUT +
–21 dB ) 24.0824 dB
6.0206
+ 0.51197555
+ 0.1000_0011_0001_1101_0100
+ 0x00000041886A in 25.23 format
More examples of offset computations are included in the following examples.
1.11.2.3 Slope Parameter Computation
In developing the equations used to determine the subaddress of the input value required to realize a given
compression or expansion within a given region of the DRC, the following convention is adopted.
DRC Transfer = Input Increase : Output Increase
If the DRC realizes an output increase of n dB for every dB increase in the rms value of the audio into the DRC,
a 1:n expansion is being performed. If the DRC realizes a 1 dB increase in output level for every n dB increase
in the rms value of the audio into the DRC, a n:1 compression is being performed.
For 1:n expansion, the slope k can be found by:
k = n − 1
For n:1 compression, the slope k can be found by: k + 1n–1
In both expansion (1:n) and compression (n:1), n is implied to be greater than 1. Thus, for expansion:
k = n −1 means k > 0 for n > 1. Likewise, for compression, k + 1n–1 means −1 < k < 0 for n > 1. Thus, it appears
that k must always lie in the range k > −1.
The DRC imposes no such restriction and k can be programmed to values as negative as −15.999. To
determine what results when such values of k are entered, it is first helpful to note that the compression and
expansion equations for k are actually the same equation. For example, a 1:2 expansion is also a 0.5:1
compression.
0.5 Compression å k + 1
0.5
–1 + 1
1:2Expansion å k + 2–1 + 1
As can be seen, the same value for k is obtained either way. The ability to choose values of k less than −1 allows
the DRC to implement negative slope transfer curves within a given region. Negative slope transfer curves
are usually not associated with compression and expansion operations, but the definition of these operations
can be expanded to include negative slope transfer functions. For example, if k = −4
Compression Equation : k +*4 + 1n *1 å n + –
1
3 å*
0.3333 : 1 compression
Expansion Equation : k +*4 + n–1 å n + –3 å 1: *3 expansion
With k = −4, the output decreases 3 dB for every 1 dB increase in the rms value of the audio into the DRC.
As the input increases in volume, the output decreases in volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com