Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS5518
Description  8 Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 28Page - Texas Instruments TAS5518 Datasheet HTML 29Page - Texas Instruments TAS5518 Datasheet HTML 30Page - Texas Instruments TAS5518 Datasheet HTML 31Page - Texas Instruments TAS5518 Datasheet HTML 32Page - Texas Instruments TAS5518 Datasheet HTML 33Page - Texas Instruments TAS5518 Datasheet HTML 34Page - Texas Instruments TAS5518 Datasheet HTML 35Page - Texas Instruments TAS5518 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
Introduction
23
SLES115 — August 2004
TAS5518
1.10.1
Loudness Example
Problem: Due to the Fletcher-Munson phenomena, we want to compensate for low frequency attenuation near
60 Hz. The TAS5518 provides a loudness transfer function with EQ gain = 6, EQ center frequency = 60 Hz,
and EQ bandwidth = 60 Hz.
Solution: Using Texas Instruments ALE TAS5518 DSP tool, Matlab, or other signal-processing tool, develop
a loudness function with following parameters:
Table 1−7. Loudness Function Parameters
LOUDNESS
DESCRIPTION
USAGE
DATA
I2C
EXAMPLE VALUES
LOUDNESS
TERM
DESCRIPTION
USAGE
DATA
FORMAT
I C
SUBADDRESS
HEX
FLOAT
H (Z)
Loudness Biquad
Controls shape of
loudness curves
5.23
0x95
b0 = 00008ACE
b1 = 00000000
b2 = FFFF7532
a1 = FF011951
a2 = 007EE914
b0 = 0.004236
b1 = 0
b2 = −0.004236
a1 = −1.991415
a2 = 0.991488
LG
Loudness Gain
Loudness function
5.23
0x91
FFC00000
−0.5
LO
Loudness Offset
Loudness function
25.23
0x92
00000000
0
G
Gain
Switch to Enable
Loudness (ON = 1,
OFF = 0)
5.23
0x93
00800000
1
O
Offset
Offset
25.23
0x94
00000000
0
See Figure 1−18 for the resulting loudness function at different gains.
Figure 1−18. Loudness Example Plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com