| Electronic Components Datasheet Search |
|
TAS5518 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5518 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 103 page ![]() Introduction 15 SLES115 — August 2004 TAS5518 1.5.2.1 28-Bit 5.23 Number Format All mixer gain coefficients are 28-bit coefficients using a 5.23 number format. Numbers formatted as 5.23 numbers means that there are 5 bits to the left of the decimal point and 23 bits to the right of the decimal point. This is shown in the Figure 1−7. 2−23 Bit S_xxxx.xxxx_xxxx_xxxx_xxxx_xxx 2−4 Bit 2−1 Bit 20 Bit Sign Bit 23 Bit Figure 1−7. 5.23 Format The decimal value of a 5.23 format number can be found by following the weighting shown in Figure 1−8. If the most significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct number. If the most significant bit is a logic 1, then the number is a negative number. In this case every bit must be inverted, a 1 added to the result, and then the weighting shown in Figure 1−8 applied to obtain the magnitude of the negative number. (1 or 0) x 23 + (1 or 0) x 22 + … + (1 or 0) x 20 + (1 or 0) x 2−1 + … + (1 or 0) x 2−4 + … + (1 or 0) x 2−23 23 Bit 22 Bit 20 Bit 2−1 Bit 2−4 Bit 2−23 Bit Figure 1−8. Conversion Weighting Factors—5.23 Format to Floating Point Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the 32-bit number (4-byte or 8-digit hexadecimal number) is shown in Figure 1−9. u Coefficient Digit 8 u u u S x x x Coefficient Digit 7 x. x x x Coefficient Digit 6 x x x x Coefficient Digit 5 x x x x Coefficient Digit 4 x x x x Coefficient Digit 3 x x x x Coefficient Digit 2 x x x x Coefficient Digit 1 Fraction Digit 5 Sign Bit 0 Fraction Digit 6 Fraction Digit 4 Fraction Digit 3 Fraction Digit 2 Fraction Digit 1 Integer Digit 1 u = unused or don’t care bits Digit = hexadecimal digit Figure 1−9. Alignment of 5.23 Coefficient in 32-Bit I2C Word As Figure 1−9 shows, the hex value of the integer part of the gain coefficient cannot be concatenated with the hex value of the fractional part of the gain coefficient to form the 32-bit I2C coefficient. The reason is that the 28-bit coefficient contains 5 bits of integer, and thus the integer part of the coefficient occupies all of one hex digit and the most significant bit of the second hex digit. In the same way, the fractional part occupies the lower 3 bits of the second hex digit, and then occupies the other five hex digits (with the eighth digit being the zero-valued most significant hex digit). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |