Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
8.3 Feature Description
8.3.1 Input Range (VIN)
The LV5144 operational input voltage range is from 6 V to 95 V. The device is intended for step-down
conversions from 12-V, 24-V, 48-V, 60-V, and 72-V unregulated, semiregulated, and fully-regulated supply rails.
The application circuit in Figure 8-1 shows all the necessary components to implement an LV5144-based
wide-VIN step-down regulator using a single supply. The LV5144 uses an internal LDO subregulator to provide a
7.5-V VCC bias rail for the gate drive and control circuits (assuming the input voltage is higher than 7.5 V plus
the necessary subregulator dropout specification).
1
2
3
4
5
6
7
10
11
17
18
19
14
20
BST
HO
SW
LO
PGND
RT
SS/TRK
COMP
FB
AGND
VIN
VOUT
LV5144
V
OUT
SYNC
GND
PG
12
SYNCOUT
8
SYNCIN
9
NC
EN/UVLO
VIN
ILIM
PGOOD
SYNC out
13
VCC
16
15
NC
EP
L
F
C
OUT
Q
1
Q
2
C
IN
R
ILIM
C
VCC
C
BST
C
SS
R
UV2
R
UV1
R
FB2
R
FB1
R
C2
C
C2
C
C1
R
C1
C
C3
R
PG
optional
R
RT
C
ILIM
Figure 8-1. Schematic Diagram for VIN Operating Range of 6 V to 95 V
In high-voltage applications, take extra care to ensure the VIN pin does not exceed the absolute maximum
voltage rating of 95 V during line or load transient events. Voltage ringing on the VIN pin that exceeds the values
in the Absolute Maximum Ratings can damage the IC. Use high-quality ceramic input capacitors to minimize
ringing. An RC filter from the input rail to the VIN pin (for example, 4.7 Ω and 0.1 µF) provides supplementary
filtering at the VIN pin.
8.3.2 Output Voltage Setpoint and Accuracy (FB)
The reference voltage at the FB pin is set at 0.8 V with a feedback system accuracy over the full junction
temperature range of ±1%. Junction temperature range for the device is –40°C to +125°C. While dependent
on switching frequency and load current requirements, the LV5144 is generally capable of providing an output
voltage in the range of 0.8 V to a maximum of 60 V or slightly less than VIN, whichever is lower. The DC output
voltage setpoint during normal operation is set by the feedback resistor network, RFB1 and RFB2, connected to
the output.
www.ti.com
LV5144
SNVSCJ1 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com