Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
capacitor is required to keep the device from entering current limit during a start-up event. Likewise, the system
designer must also be aware of how fast the input supply ramps if the tracking feature is enabled.
PGOOD
2V/DIV
VOUT 1V/DIV
SS/TRK
160mV/DIV
94% VOUT
92% VOUT
10 ms/DIV
Figure 8-6. Typical Output Voltage Tracking and PGOOD Waveforms
Figure 8-6 shows a triangular voltage signal directly driving SS/TRK and the corresponding output voltage
tracking response. Nominal output voltage here is 5 V, with oscilloscope channel scaling chosen such that the
waveforms overlap during tracking. As expected, the PGOOD flag transitions at thresholds of 94% (rising) and
92% (falling) of the nominal output voltage setpoint.
Two practical tracking configurations, ratiometric and coincident, are shown in Tracking Implementation With
Primary, Ratiometric Secondary, and Coincident Secondary Rails. The most common application is coincident
tracking, used in core versus I/O voltage tracking in DSP and FPGA implementations. Coincident tracking forces
the primary and secondary channels to have the same output voltage ramp rate until the secondary output
reaches its regulated setpoint. Conversely, ratiometric tracking sets the output voltage of the secondary to a
fraction of the output voltage of the primary during start-up.
5
FB
LV5144
3
SS/TRK
RTRK1
RTRK2
26.7 k
10 k
VOUTSECONDARY= 1.8
V
RFB1
RFB2
12.5 k
10 k
0.8 V
5
FB
LV5144
3
SS/TRK
RTRK3
RTRK4
20 k
RFB3
RFB4
10 k
20 k
0.8 V
VOUTSECONDARY2 =
1.2 V
VOUTPRIMARY = 3.3 V
Secondary Regulator
#1 Ra ometric
Tracking
Secondary Regulator
#2 Coincident Tracking
8
SYNCIN
SYNCOUT
from Primary
CSS1
2.2 nF
CSS2
2.2 nF
8
SYNCIN
10 k
Figure 8-7. Tracking Implementation With Primary, Ratiometric Secondary, and Coincident Secondary
Rails
For coincident tracking, connect the SS/TRK input of the secondary regulator to a resistor divider from the output
voltage of the primary that is the same as the divider used on the FB pin of the secondary. In other words,
simply select RTRK3 = RFB3 and RTRK4 = RFB4 as shown in Tracking Implementation With Primary, Ratiometric
Secondary, and Coincident Secondary Rails. As the primary voltage rises, the secondary voltage rises identically
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com