Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
1 Ps/DIV
SW 10V/DIV
SYNCIN
1V/DIV
VIN = 48 V
FSW = 350 kHz
IOUT = 8 A
Figure 9-29. SW Node and SYNCIN Voltages
1 Ps/DIV
SW 10V/DIV
SYNCOUT 2V/DIV
VIN = 48 V
IOUT = 8 A
Figure 9-30. SW Node and SYNCOUT Voltages
Start 150 kHz
Stop 30 MHz
Margin
VIN = 48 V
VOUT = 12 V
6-A resistive load
Figure 9-31. CISPR 25 Class 5 Conducted EMI, 150
kHz to 30 MHz
Margin
Start 30 MHz
Stop 108 MHz
VIN = 48 V
VOUT = 12 V
6-A resistive load
Figure 9-32. CISPR 25 Class 5 Conducted EMI, 30
MHz to 108 MHz
9.3 Power Supply Recommendations
The LV5144 buck controller is designed to operate from a wide input voltage range from 5.5 V to 100 V. The
characteristics of the input supply must be compatible with the Absolute Maximum Ratings and Recommended
Operating Conditions. In addition, the input supply must be capable of delivering the required input current to the
fully-loaded regulator. Estimate the average input current with Equation 23.
K
˜
˜
IN
OUT
OUT
IN
V
I
V
I
(23)
where
• η is the efficiency
If the converter is connected to an input supply through long wires or PCB traces with a large impedance,
take special care to achieve stable performance. The parasitic inductance and resistance of the input cables
can have an adverse affect on converter operation. The parasitic inductance in combination with the low-ESR
ceramic input capacitors form an underdamped resonant circuit. This circuit can cause overvoltage transients
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com