Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
at VIN each time the input supply is cycled ON and OFF. The parasitic resistance causes the input voltage to
dip during a load transient. If the regulator is operating close to the minimum input voltage, this dip can cause
false UVLO fault triggering and a system reset. The best way to solve such issues is to reduce the distance from
the input supply to the regulator and use an aluminum or tantalum input capacitor in parallel with the ceramics.
The moderate ESR of the electrolytic capacitors helps to damp the input resonant circuit and reduce any voltage
overshoots. A capacitance in the range of 10 µF to 47 µF is usually sufficient to provide input damping and helps
to hold the input voltage steady during large load transients.
An EMI input filter is often used in front of the regulator that, unless carefully designed, can lead to instability
as well as some of the effects mentioned above. The application report Simple Success with Conducted EMI for
DC-DC Converters provides helpful suggestions when designing an input filter for any switching regulator.
9.4 Layout
9.4.1 Layout Guidelines
Proper PCB design and layout is important in a high-current, fast-switching circuits (with high current and voltage
slew rates) to assure appropriate device operation and design robustness. As expected, certain issues must
be considered before designing a PCB layout using the LV5144. The high-frequency power loop of the buck
converter power stage is denoted by #1 in the shaded area of Figure 9-33. The topological architecture of a buck
converter means that particularly high di/dt current flows in the components of loop 1, and it becomes mandatory
to reduce the parasitic inductance of this loop by minimizing its effective loop area. Also important is the gate
drive loops of the low-side and high-side MOSFETs, denoted by 2 and 3, respectively, in Figure 9-33.
17
19
14
BST
HO
SW
LO
VCC
PGND
VIN
VOUT
GND
LV5144
VCC
13
18
Low-side gate
driver
High-side
gate driver
12
CVCC
CBST
CIN
COUT
Q1
Q2
LF
#1
High frequency
power loop
#3
#2
14
GND
Figure 9-33. DC/DC Regulator Ground System With Power Stage and Gate Drive Circuit Switching Loops
9.4.1.1 Power Stage Layout
1. Input capacitors, output capacitors, and MOSFETs are the constituent components of the power stage of a
buck regulator and are typically placed on the top side of the PCB (solder side). The benefits of convective
heat transfer are maximized because of leveraging any system-level airflow. In a two-sided PCB layout,
small-signal components are typically placed on the bottom side (component side). insert at least one inner
plane, connected to ground, to shield and isolate the small-signal traces from noisy power traces and lines.
2. The DC/DC converter has several high-current loops. Minimize the area of these loops in order to suppress
generated switching noise and parasitic loop inductance and optimize switching performance.
• Loop #1: The most important loop to minimize the area of is the path from the input capacitor or
capacitors through the high- and low-side MOSFETs, and back to the capacitor or capacitors through the
ground connection. Connect the input capacitor or capacitors negative terminal close to the source of the
www.ti.com
LV5144
SNVSCJ1 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com