Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
9.2 Typical Applications
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation and test results of
an LV5144-powered implementation, see TI Designs reference design library.
9.2.1 Design 1 – 12-A High-Efficiency Synchronous Buck DC/DC Regulator
Figure 9-5 shows the schematic diagram of a 5-V, 12-A buck regulator with a switching frequency of 300 kHz.
In this example, the target efficiencies are 94% and 92% at input voltages of 24 V and 48 V, respectively. The
input UVLO is set to turn on and off at 8 V and 7 V, respectively. The switching frequency is set by means
of a synchronization input signal at 300 kHz, and the free-running switching frequency (in the event that the
synchronization signal is removed) is set at 250 kHz by resistor RRT. In terms of control loop performance, the
target loop crossover frequency is 40 kHz with a phase margin greater than 50°. The output voltage soft-start
time is 6 ms.
1
2
3
4
5
6
7
10
11
17
18
19
14
20
BST
HO
SW
LO
PGND
RT
SS/TRK
COMP
FB
AGND
VIN = 8 V to 85 V
VOUT = 5 V
LV5144
VOUT
SYNC In
GND
PGOOD
12
SYNCOUT
8
SYNCIN
9
NC
EN/UVLO
VIN
ILIM
PGOOD
SYNC Out
13
VCC
16
15
NC
EP
LF
COUT
Q1
Q2
CIN
RILIM
CVCC
CBST
CSS
RFB2
RFB1
RC2
CC2
CC1
RC1
CC3
RPG
300 kHz
RRT
CILIM
3.3 H
0.1 F
10 pF
47 nF
6 ´ 4.7 F
RUV2
17.8 kΩ
6.8 nF
5 ´ 47 μF
RUV1
100 kΩ
2.2 μF
CVIN
499 Ω
0.1 μF
4.42 kΩ
23.2 kΩ
150 pF
7.5 kΩ
150 Ω
U1
20 kΩ
40.2 kΩ
820 pF
Figure 9-5. Application Circuit 1 With LV5144-Q1 48-V to 5-V, 12-A Buck Regulator at 300 kHz
Note
This and subsequent design examples are provided herein to showcase the LV5144 controller in
several different applications. Depending on the source impedance of the input supply bus, an
electrolytic capacitor can be required at the input to ensure stability, particularly at low input voltage
and high output current operating conditions. See Section 9.3 for more detail.
9.2.1.1 Design Requirements
The intended input, output, and performance-related parameters pertinent to this design example are shown in
Table 9-5.
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com