Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 5 Page - Texas Instruments

  LM5145 Datasheet HTML 1Page - Texas Instruments LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Table 6-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
7
SYNCOUT
O
Synchronization output. Logic output that provides a clock signal that is 180° out-of-phase with the high-side
FET gate drive. Connect SYNCOUT of the primary LV5144 to the SYNCIN pin of a second LV5144 to operate
two controllers at the same frequency with 180° interleaved high-side FET switch turn-on transitions. Note that
the SYNCOUT pin does not provide 180° interleaving when the controller is operating from an external clock
that is different from the free-running frequency set by the RT resistor.
8
SYNCIN
I
Dual function pin to provide an optional clock input and enable diode emulation by the low-side MOSFET.
Connecting a clock signal to the SYNCIN pin synchronizes switching to the external clock. Diode emulation
by the low-side MOSFET is disabled when the controller is synchronized to an external clock, and negative
inductor current can flow in the low-side MOSFET with light loads. A continuous logic low state at the
SYNCIN pin enables diode emulation to prevent reverse current flow in the inductor. Diode emulation results in
discontinuous mode operation (DCM) at light loads, which improves efficiency. A logic high state at the SYNCIN
pin disables diode emulation, producing forced-PWM (FPWM) operation. During soft start when SYNCIN is high
or a clock signal is present, the LV5144 operates in diode emulation mode until the output is in regulation, then
gradually increases the SW zero-cross threshold, resulting in a gradual transition from DCM to FPWM.
9
NC
—
No electrical connection
10
PGOOD
O
Power-good indicator. This pin is an open-drain output. A high state indicates that the voltage at the FB pin is
within a specified tolerance window centered at 0.8 V.
11
ILIM
I
Current limit adjust and current sense comparator input. A current sourced from the ILIM pin through an
external resistor programs the threshold voltage for valley current limiting. The opposite end of the threshold
adjust resistor can be connected to either the drain of the low-side MOSFET for RDS(on) sensing or to a current
sense resistor connected to the source of the low-side FET.
12
PGND
P
Power ground return pin for the low-side MOSFET gate driver. Connect directly to the source of the low-side
MOSFET or the ground side of a shunt resistor.
13
LO
P
Low-side MOSFET gate drive output. Connect to the gate of the low-side synchronous rectifier FET through a
short, low inductance path.
14
VCC
O
Output of the 7.5-V bias regulator. Locally decouple to PGND using a low-ESR/ESL capacitor located as close
as possible to the controller. Controller bias can be supplied from an external supply that is greater than the
internal VCC regulation voltage. Use caution when applying external bias to ensure that the applied voltage is
not greater than the minimum VIN voltage and does not exceed the VCC pin maximum operating rating. See the
Recommended Operating Conditions.
15
EP
—
Pin is internally connected to exposed pad of the package. Connect to GND at the exposed pad to improve
heat spreading.
16
NC
—
No electrical connection
17
BST
O
Bootstrap supply for the high-side gate driver. Connect to the bootstrap (boot) capacitor. The bootstrap
capacitor supplies current to the high-side FET gate and must be placed as close as possible to controller.
If an external bootstrap diode is used to reduce the time required to charge the bootstrap capacitor, connect the
cathode of the diode to the BST pin and anode to VCC.
18
HO
P
High-side MOSFET gate drive output. Connect to the gate of the high-side MOSFET through a short, low
inductance path.
19
SW
P
Switching node of the buck controller. Connect to the bootstrap capacitor, the source terminal of the high-side
MOSFET, and the drain terminal of the low-side MOSFET using short, low inductance paths.
20
VIN
P
Supply voltage input for the VCC LDO regulator
—
EP
—
Exposed pad of the package. Electrically isolated. Solder to the system ground plane to reduce thermal
resistance.
(1)
P = Power, G = Ground, I = Input, O = Output
6.1 Wettable Flanks
100% automated visual inspection (AVI) post-assembly is typically required to meet requirements for high
reliability and robustness. Standard quad-flat no-lead (VQFN) packages do not have solderable or exposed
pins and terminals that are easily viewed. Therefore, visually determining whether or not the package is
successfully soldered onto the printed-circuit board (PCB) is difficult. The wettable-flank process was developed
to resolve the issue of side-lead wetting of leadless packaging. The LV5144 is assembled using a 20-pin VQFN
package with wettable flanks to provide a visual indicator of solderability, which reduces the inspection time and
manufacturing costs.
www.ti.com
LV5144
SNVSCJ1 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com