Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7.3 Recommended Operating Conditions (continued)
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted). Parameters are
not tested.
MIN
NOM
MAX
UNIT
SYNCOUT
Source/sink currents
–1
1
mA
I-PGOOD
PGOOD sink current
0
2
mA
TJ
Operating junction temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
20-PIN
UNIT
VQFN
RθJA
Junction-to-ambient thermal resistance
36.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28
RθJB
Junction-to-board thermal resistance
11.8
ΨJT
Junction-to-top characterization parameter
0.4
ΨJB
Junction-to-board characterization parameter
11.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 150°C junction temperature
range unless otherwise stated. VVIN = 48 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Operating input voltage range
6
95
V
IQ-RUN
Operating input current, not switching
VEN/UVLO = 1.5 V, VSS/TRK = 0 V
2
mA
IQ-STBY
Standby input current
VEN/UVLO = 1 V
2
mA
IQ-SHDN
Shutdown input current
VEN/UVLO = 0 V, VVCC < 1 V
20
µA
VCC REGULATOR
VVCC
VCC regulation voltage
VSS/TRK = 0 V, 9 V < VVIN < 48 V, 0 mA
< IVCC < 20 mA
7.5
V
VVCC-LDO
VIN to VCC dropout voltage
VVIN = 6 V, VSS/TRK = 0 V, IVCC = 20
mA
0.25
0.72
V
ISC-LDO
VCC short-circuit current
VSS/TRK = 0 V, VVCC = 0 V
40
50
70
mA
VVCC-UV
VCC undervoltage threshold
VCC rising
4.8
4.93
5.2
V
VVCC-UVH
VCC undervoltage hysteresis
Rising threshold – falling threshold
0.26
V
VVCC-EXT
Minimum external bias voltage
Voltage required to disable VCC
regulator
8
V
IVCC
External VCC input current, not
switching
VSS/TRK = 0 V, VVCC = 13 V
2.3
mA
ENABLE AND INPUT UVLO
VSHDN
Shutdown to standby threshold
VEN/UVLO rising
0.42
V
VSHDN-HYS
Shutdown threshold hysteresis
EN/UVLO Rising threshold – falling
threshold
50
mV
VEN
Standby to operating threshold
VEN/UVLO rising
1.164
1.2
1.236
V
IEN-HYS
Standby to operating hysteresis
current
VEN/UVLO = 1.5 V
9
10
11
µA
ERROR AMPLIFIER
VREF
FB reference Voltage
FB connected to COMP
792
800
808
mV
www.ti.com
LV5144
SNVSCJ1 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com